Electronic Components Datasheet Search
  English  ▼

X  

LT1723 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1723
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1723 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1723 Datasheet HTML 3Page - Linear Technology LT1723 Datasheet HTML 4Page - Linear Technology LT1723 Datasheet HTML 5Page - Linear Technology LT1723 Datasheet HTML 6Page - Linear Technology LT1723 Datasheet HTML 7Page - Linear Technology LT1723 Datasheet HTML 8Page - Linear Technology LT1723 Datasheet HTML 9Page - Linear Technology LT1723 Datasheet HTML 10Page - Linear Technology LT1723 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LT1722/LT1723/LT1724
7
172234fb
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the temperature range of
–40°C ≤ TA ≤ 85°C. VS = 5V, VCM = 2.5V, RL to 2.5V, unless otherwise noted. (Note 5)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 0.7V, the input current should be limited to less than
10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT1722C/LT1722I, LT1723C/LT1723I, LT1724C/LT1724I are
guaranteed functional over the operating temperature range of
–40°C to 85°C.
Note 5: The LT1722C/LT1723C/LT1724C are guaranteed to meet specified
performance from 0°C to 70°C. The LT1722C/LT1723C/LT1724C are
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 6)
LT1722 SOT-23 and LT1723 MS8
l
l
1000
1200
µV
µV
Input VOS Drift
(Note 9)
l
310
μV/°C
IOS
Input Offset Current
l
400
nA
IB
Input Bias Current
l
400
nA
Input Voltage Range +
Input Voltage Range –
l
l
3.5
1.5
V
V
CMRR
Common Mode Rejection Ratio
VCM = 1.5V to 3.5V
l
75
dB
AVOL
Large-Signal Voltage Gain
VOUT = 1.5V to 3.5V, RL = 500Ω
l
2
V/mV
VOUT
Output Swing+
Output Swing–
RL = 500Ω, VIN = ±10mV
RL = 500Ω, VIN = ±10mV
l
l
3.5
1.5
V
V
IOUT
Output Current
VOUT = 3.5V or 1.5V, 30mV Overdrive
l
8mA
ISC
Short-Circuit Current
VOUT = 2.5V, VIN = ±1V
l
10
mA
SR
Slew Rate
AV = –1, (Note 7)
l
20
V/μs
GBW
Gain Bandwidth (Note 10)
f = 200kHz
l
90
MHz
Channel Separation
VOUT = 1.5V to 3.5V, RL = 500Ω
l
80
dB
IS
Supply Current
l
6.45
mA
designed, characterized and expected to meet specified performance from
–40°C to 85°C but are not tested or QA sampled at these temperatures.
The LT1722I/LT1723I/LT1724I are guaranteed to meet specified
performance from –40°C to 85°C.
Note 6: Input offset voltage is pulse tested and is exclusive of warm-up
drift.
Note 7: Slew rate is measured between ±2V on the output with ±3V input
for ±5V supplies and ±1V on the output with ±1.5V input for single 5V
supply. (For 5V supply, the voltage levels are 2.5V referred.)
Note 8: Full power bandwidth is calculated from the slew rate:
FPBW = SR/2πVP
Note 9 : This parameter is not 100% tested.
Note 10 : This parameter is guaranteed through correlation with slew rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com