Electronic Components Datasheet Search
  English  ▼

X  

LT1723 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1723
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1723 Datasheet(HTML) 1 Page - Linear Technology

  LT1723 Datasheet HTML 1Page - Linear Technology LT1723 Datasheet HTML 2Page - Linear Technology LT1723 Datasheet HTML 3Page - Linear Technology LT1723 Datasheet HTML 4Page - Linear Technology LT1723 Datasheet HTML 5Page - Linear Technology LT1723 Datasheet HTML 6Page - Linear Technology LT1723 Datasheet HTML 7Page - Linear Technology LT1723 Datasheet HTML 8Page - Linear Technology LT1723 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LT1722/LT1723/LT1724
1
172234fb
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Single, Dual, Quad 200MHz
Low Noise Precision Op Amps
The LT®1722/LT1723/LT1724 are single/dual/quad, low
noise, low power, high speed operational amplifiers. These
products feature lower input offset voltage, lower input bias
current and higher DC gain than devices with comparable
bandwidth. The 200MHz gain bandwidth ensures high
open-loop gain at video frequencies.
The low input noise voltage is achieved with reduced
supply current. The total noise is optimized for a source
resistance between 0.8k and 12k. Due to the input bias
current cancellation technique used, the resistance seen
by each input does not need to be balanced.
The output drives a 150Ω load to ±3V with ±5V supplies.
On a single 5V supply the output swings from 1.5V to
3.5V with a 500Ω load connected to 2.5V. The amplifier
is unity-gain stable (CLOAD ≤ 100pF).
The LT1722/LT1723/LT1724 are manufactured on Linear
Technology’s advanced low voltage complementary
bipolar process. The LT1722 is available in the SO-8 and
5-pin SOT-23 packages. The LT1723 is available in the
SO-8 and MS8 packages. The LT1724 is available in the
14-lead SO package.
Differential Video Line Driver
APPLICATIONS
n 3.8nV/√Hz Input Noise Voltage
n 3.7mA Supply Current
n 200MHz Gain Bandwidth
n Low Total Harmonic Distortion: – 85dBc at 1MHz
n 70V/μs Slew Rate
n 400μV Maximum Input Offset Voltage
n 300nA Maximum Input Bias Current
n Unity-Gain Stable
n Capacitive Load Stable Up to 100pF
n 23mA Minimum Output Current
n Specified at ±5V and Single 5V
n Low Profile (1mm) SOT-23 (ThinSot™) Package
n Video and RF Amplification
n ADSL, HDSL II, VDSL Receivers
n Active Filters
n Wideband Amplifiers
n Buffers
n Data Acquisition Systems
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
Line Driver Mulitburst Video Signal
1/2 LT1723
R5 2k
R3
750Ω
R7
62.5Ω
+VOUT
VIN/2 62.5Ω
LOAD
62.5Ω
LOAD
–VIN/2
–VIN
1723 TA01
VIN
–VOUT
125Ω
CAT-5
TWISTED PAIR
C1 5pF
1/2 LT1723
R4 2k
VIN
75Ω
SOURCE
R2
2k
R1
75Ω
R6
62.5Ω
C2 5pF
+VOUT
0.5V/DIV
–VOUT
0.5V/DIV
VIN
1V/DIV
1723 TA02


Similar Part No. - LT1723

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT1723 AD-LT1723 Datasheet
1Mb / 16P
High Temperature 175°C Dual 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nV/√Hz Noise, Low Power Op Amp
6203xf
logo
Linear Technology
LT1723CMS8 LINER-LT1723CMS8 Datasheet
326Kb / 16P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723CS8 LINER-LT1723CS8 Datasheet
326Kb / 16P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723IMS8 LINER-LT1723IMS8 Datasheet
326Kb / 16P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723IS8 LINER-LT1723IS8 Datasheet
326Kb / 16P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results

Similar Description - LT1723

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410_08 Datasheet
325Kb / 16P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Technology
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com