Electronic Components Datasheet Search
  English  ▼

X  

LT1818 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1818
Description  400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1818 Datasheet(HTML) 1 Page - Linear Technology

  LT1818 Datasheet HTML 1Page - Linear Technology LT1818 Datasheet HTML 2Page - Linear Technology LT1818 Datasheet HTML 3Page - Linear Technology LT1818 Datasheet HTML 4Page - Linear Technology LT1818 Datasheet HTML 5Page - Linear Technology LT1818 Datasheet HTML 6Page - Linear Technology LT1818 Datasheet HTML 7Page - Linear Technology LT1818 Datasheet HTML 8Page - Linear Technology LT1818 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LT1818/LT1819
1
18189fb
TYPICAL APPLICATION
DESCRIPTION
400MHz, 2500V/µs, 9mA
Single/Dual Operational
Amplifiers
The LT®1818/LT1819 are single/dual wide bandwidth, high
slew rate, low noise and distortion operational amplifiers
with excellent DC performance. The LT1818/LT1819 have
been designed for wider bandwidth and slew rate, much
lower input offset voltage and lower noise and distortion
than devices with comparable supply current. The circuit
topology is a voltage feedback amplifier with the excellent
slewing characteristics of a current feedback amplifier.
The output drives a 100Ω load to ±3.8V with ±5V sup-
plies. On a single 5V supply, the output swings from 1V
to 4V with a 100Ω load connected to 2.5V. The amplifier
is unity-gain stable with a 20pF capacitive load without the
need for a series resistor. Harmonic distortion is –85dBc
up to 5MHz for a 2VP-P output at a gain of 2.
The LT1818/LT1819 are manufactured on Linear Tech-
nology’s advanced low voltage complementary bipolar
process. The LT1818 (single op amp) is available in
TSOT-23 and SO-8 packages; the LT1819 (dual op amp)
is available in MSOP-8 and SO-8 packages.
Single Supply Unity-Gain ADC Driver for Oversampling Applications
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n 400MHz Gain Bandwidth Product
n 2500V/μs Slew Rate
n –85dBc Distortion at 5MHz
n 9mA Supply Current Per Amplifier
n 6nV/√Hz Input Noise Voltage
n Unity-Gain Stable
n 1.5mV Maximum Input Offset Voltage
n 8μA Maximum Input Bias Current
n 800nA Maximum Input Offset Current
n 40mA Minimum Output Current, VOUT = ±3V
n ±3.5V Minimum Input CMR, VS = ±5V
n Specified at ±5V, Single 5V Supplies
n Operating Temperature Range: –40°C to 85°C
n Low Profile (1mm) TSOT-23 (ThinSOT™) Package
n Wideband Amplifiers
n Buffers
n Active Filters
n Video and RF Amplification
n Communication Receivers
n Cable Drivers
n Data Acquisition Systems
FFT of Single Supply ADC Driver
FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
0
18189 TA02
5M
10M
15M
20M
25M
fIN = 5.102539MHz
fS = 50Msps
VIN = 300mVP-P
SFDR = 78dB
8192 POINT FFT
NO WINDOWING
OR AVERAGING
2
3
–
+
LT1818
2.5VDC
±1VAC
18189 TA01
18pF
2.5V
51.1Ω
5V
5V
AIN
+
LTC1744
14 BITS
50Msps
(SET FOR 2VP-P
FULL SCALE)
AIN
–


Similar Part No. - LT1818

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1818 LINER-LT1818 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1818 LINER-LT1818 Datasheet
364Kb / 18P
250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1818 LINER-LT1818 Datasheet
984Kb / 20P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LT1818 LINER-LT1818 Datasheet
911Kb / 20P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LT1818 LINER-LT1818 Datasheet
315Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT1818

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2050 LINER-LTC2050_1 Datasheet
175Kb / 16P
Zero-Drift Operational Amplifi ers in SOT-23
logo
MRV Communications, Inc...
EM316EDFA-BR MRV-EM316EDFA-BR Datasheet
618Kb / 3P
Optical Amplifi ers
logo
Linear Technology
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1819 LINER-LT1819_15 Datasheet
1Mb / 18P
400MHz, 2500V/s, 9mA Single/Dual Operational Amplifiers
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC6420-20 LINER-LTC6420-20_15 Datasheet
227Kb / 14P
Dual Matched 1.8GHz Differential Amplifi ers/ADC Drivers
LTC6421-20 LINER-LTC6421-20_15 Datasheet
251Kb / 16P
Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
logo
DATEL, Inc.
AM-500 DATEL-AM-500 Datasheet
129Kb / 4P
Ultra-Fast Operational Amplifi ers
AM-1435 DATEL-AM-1435 Datasheet
131Kb / 4P
Ultra-Fast, Wideband Operational Amplifi ers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com