Electronic Components Datasheet Search
  English  ▼

X  

LT1818 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1818
Description  400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1818 Datasheet(HTML) 3 Page - Linear Technology

  LT1818 Datasheet HTML 1Page - Linear Technology LT1818 Datasheet HTML 2Page - Linear Technology LT1818 Datasheet HTML 3Page - Linear Technology LT1818 Datasheet HTML 4Page - Linear Technology LT1818 Datasheet HTML 5Page - Linear Technology LT1818 Datasheet HTML 6Page - Linear Technology LT1818 Datasheet HTML 7Page - Linear Technology LT1818 Datasheet HTML 8Page - Linear Technology LT1818 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LT1818/LT1819
3
18189fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 9) VS = ±5V, VCM = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
0.2
1.5
2.0
3.0
mV
mV
mV
ΔVOS/ΔT
Input Offset Voltage Drift
TA = 0°C to 70°C (Note 7)
TA = –40°C to 85°C (Note 7)
l
l
10
10
15
30
μV/°C
μV/°C
IOS
Input Offset Current
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
60
800
1000
1200
nA
nA
nA
IB
Input Bias Current
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
–2
±8
±10
±12
μA
μA
μA
en
Input Noise Voltage Density
f = 10kHz
6
nV/√Hz
in
Input Noise Current Density
f = 10kHz
1.2
pA/√Hz
RIN
Input Resistance
VCM = V– + 1.5V to V+ – 1.5V
Differential
1.5
5
750
MΩ
kΩ
CIN
Input Capacitance
1.5
pF
VCM
Input Voltage Range
(Positive/Negative)
Guaranteed by CMRR
TA = –40°C to 85°C
l
±3.5
±3.5
±4.2
V
V
CMRR
Common Mode Rejection Ratio
VCM = ±3.5V
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
75
73
72
85
dB
dB
dB
Minimum Supply Voltage
Guaranteed by PSRR
TA = –40°C to 85°C
l
±1.25
±2
±2
V
V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±5.5V
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
78
76
75
97
dB
dB
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±3V, RL = 500Ω
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
1.5
1.0
0.6
2.5
V/mV
V/mV
V/mV
VOUT = ±3V, RL = 100Ω
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
1.0
0.7
0.6
6
V/mV
V/mV
V/mV
Channel Separation
VOUT = ±3V, LT1819
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
82
81
80
100
dB
dB
dB
VOUT
Output Swing (Positive/Negative)
RL = 500Ω, 30mV Overdrive
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
±3.8
±3.7
±3.6
±4.1
V
V
V
RL = 100Ω, 30mV Overdrive
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
±3.50
±3.25
±3.15
±3.8
V
V
V
IOUT
Output Current
VOUT = ±3V, 30mV Overdrive
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
±40
±35
±30
±70
mA
mA
mA
ISC
Output Short-Circuit Current
VOUT = 0V, 1V Overdrive (Note 3)
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
±100
±90
±70
±200
mA
mA
mA
SR
Slew Rate
AV = 1
2500
V/μs
AV = –1 (Note 5)
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
900
750
600
1800
V/μs
V/μs
V/μs
FPBW
Full-Power Bandwidth
6VP-P (Note 6)
95
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com