Electronic Components Datasheet Search
  English  ▼

X  

LT5525 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5525
Description  High Linearity, Low Power Downconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5525 Datasheet(HTML) 1 Page - Linear Technology

  LT5525 Datasheet HTML 1Page - Linear Technology LT5525 Datasheet HTML 2Page - Linear Technology LT5525 Datasheet HTML 3Page - Linear Technology LT5525 Datasheet HTML 4Page - Linear Technology LT5525 Datasheet HTML 5Page - Linear Technology LT5525 Datasheet HTML 6Page - Linear Technology LT5525 Datasheet HTML 7Page - Linear Technology LT5525 Datasheet HTML 8Page - Linear Technology LT5525 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT5525
5525f
High Linearity, Low Power
Downconverting Mixer
■
Wide Input Frequency Range: 0.8GHz to 2.5GHz*
■ Broadband LO and IF Operation
■ High Input IP3: +17.6dBm at 1900MHz
■
Typical Conversion Gain: –1.9dB at 1900MHz
■ High LO-RF and LO-IF Isolation
■ SSB Noise Figure: 15.1dB at 1900MHz
■
Single-Ended 50Ω RF and LO Interface
■ Integrated LO Buffer: –5dBm Drive Level
■ Low Supply Current: 28mA Typ
■
Enable Function
■ Single 5V Supply
■ 16-Lead QFN (4mm × 4mm) Package
■
Point-to-Point Data Communication Systems
■ Wireless Infrastructure
■ High Performance Radios
■
High Linearity Receiver Applications
High Signal Level Frequency Downconversion
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
The LT
®5525 is a low power broadband mixer optimized
for high linearity applications such as point-to-point data
transmission, high performance radios and wireless infra-
structure systems. The device includes an internally 50Ω
matched high speed LO amplifier driving a double-bal-
anced active mixer core. An integrated RF buffer amplifier
provides excellent LO-RF isolation. The RF input balun and
all associated 50Ω matching components are integrated.
The IF ports can be easily matched across a broad range
of frequencies for use in a wide variety of applications.
The LT5525 offers a high performance alternative to
passive mixers. Unlike passive mixers, which require high
LO drive levels, the LT5525 operates at significantly lower
LO input levels and is much less sensitive to LO power
level variations.
IF Output Power and IM3 vs
RF Input Power (Two Input Tones)
RF+
RF –
IF+
IF –
LO–
5525 TA01
LO+
BIAS
EN
VCC2
LO INPUT
–5dBm
VCC1
VCC
5V DC
0.01µF
1.2pF
100pF
150nH
4:1
150nH
1900MHz
GND
LT5525
140MHz
1900MHz
LNA
VGA
ADC
RF INPUT POWER (dBm/TONE)
–20
–100
–90
–70
–60
–50
0
–30
–15
–10
5525 TA02
–80
–20
POUT
IM3
–10
–40
–5
0
TA = 25°C
fRF = 1900MHz
fLO = 1760MHz
fIF = 140MHz
PLO = –5dBm
, LTC and LT are registered trademarks of Linear Technology Corporation.
*Operation over a wider frequency range is achievable with reduced performance.
Consult factory for more information.


Similar Part No. - LT5525

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5525 LINER-LT5525 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5525 LINER-LT5525 Datasheet
195Kb / 12P
High Linearity, Low Power Downconverting Mixer
LT5525EUF LINER-LT5525EUF Datasheet
195Kb / 12P
High Linearity, Low Power Downconverting Mixer
More results

Similar Description - LT5525

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5526 LINER-LT5526 Datasheet
224Kb / 16P
High Linearity, Low Power Downconverting Mixer
LT5525 LINER-LT5525 Datasheet
195Kb / 12P
High Linearity, Low Power Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
logo
Asahi Kasei Microsystem...
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
8500MHz High Linearity Mixer
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
900MHz High Linearity Mixer
logo
Linear Technology
LT5526 LINER-LT5526_15 Datasheet
234Kb / 16P
High Linearity, Low Power Downconverting Mixer
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
High Linearity Mixer
logo
Asahi Kasei Microsystem...
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
900Mhz High Linearity Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com