| Electronic Components Datasheet Search |
|
LT5525 Datasheet(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT5525 Datasheet(HTML) 3 Page - Linear Technology |
|
3 / 12 page ![]() 3 LT5525 5525f AC ELECTRICAL CHARACTERISTICS V CC = 5V, EN = 3V, TA = 25°C, PRF = –15dBm (–15dBm/tone for 2-tone IIP3 tests, ∆f = 1MHz), fLO = fRF – 140MHz, PLO = –5dBm, IF output measured at 140MHz, unless otherwise noted. Test circuit shown in Figure 1. (Notes 2, 3) PARAMETER CONDITIONS MIN TYP MAX UNITS Conversion Gain fRF = 900MHz –2.6 dB fRF = 1900MHz –1.9 dB fRF = 2100MHz –2.0 dB fRF = 2500MHz –2.0 dB Conversion Gain vs Temperature TA = –40°C to 85°C –0.020 dB/°C Input 3rd Order Intercept fRF = 900MHz 21.0 dBm fRF = 1900MHz 17.6 dBm fRF = 2100MHz 17.6 dBm fRF = 2500MHz 12.0 dBm Single Sideband Noise Figure fRF = 900MHz 14.0 dB fRF = 1900MHz 15.1 dB fRF = 2100MHz 15.6 dB fRF = 2500MHz 15.6 dB LO to RF Leakage fLO = 500MHz to 1000MHz ≤–50 dBm fLO = 1000MHz to 3000MHz ≤–43 dBm LO to IF Leakage fLO = 500MHz to 1400MHz ≤–50 dBm fLO = 1400MHz to 3000MHz ≤–39 dBm RF to LO Isolation fRF = 500MHz to 3000MHz >38 dB RF to IF Isolation fRF = 900MHz 62 dB fRF = 1900MHz 42 dB fRF = 2100MHz 40 dB fRF = 2500MHz 33 dB Input 1dB Compression fRF = 900MHz 7.6 dBm fRF = 1900MHz 4 dBm fRF = 2100MHz 4 dBm fRF = 2500MHz 3 dBm 2RF-2LO Output Spurious Product 900MHz: fRF = 830MHz at –15dBm –63 dBc (fRF = fLO + fIF/2) 1900MHz: fRF = 1830MHz at –15dBm –53 dBc 2100MHz: fRF = 2030MHz at –15dBm –45 dBc 2500MHz: fRF = 2430Hz at –15dBm –42 dBc 3RF-3LO Output Spurious Product 900MHz: fRF = 806.67MHz at –15dBm –74 dBc (fRF = fLO + fIF/3) 1900MHz: fRF = 1806.67MHz at –15dBm –59 dBc 2100MHz: fRF = 2006.67MHz at –15dBm –59 dBc 2500MHz: fRF = 2406.67Hz at –15dBm –60 dBc Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: The performance is measured with the test circuit shown in Figure 1. For 900MHz measurements, C1 = 3.9pF. For all other measurements, C1 is not used. Note 3: Specifications over the –40°C to 85°C temperature range are assured by design, characterization and correlation with statistical process controls. Note 4: Operation over a wider frequency range is possible with reduced performance. Consult the factory for information and assistance. Note 5: Turn-on and turn-off times correspond to a change in the output level of 40dB. Note 6: The part is operable below 3.6V with reduced performance. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |