Electronic Components Datasheet Search
  English  ▼

X  

AN2549 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN2549
Description  Porting an application from the ST10F269Zx to the ST10F272Z2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2549 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN2549 Datasheet HTML 22Page - STMicroelectronics AN2549 Datasheet HTML 23Page - STMicroelectronics AN2549 Datasheet HTML 24Page - STMicroelectronics AN2549 Datasheet HTML 25Page - STMicroelectronics AN2549 Datasheet HTML 26Page - STMicroelectronics AN2549 Datasheet HTML 27Page - STMicroelectronics AN2549 Datasheet HTML 28Page - STMicroelectronics AN2549 Datasheet HTML 29Page - STMicroelectronics AN2549 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
AN2549
New registers
26/33
4.3
Emulation-dedicated registers
A set of four additional registers is implemented for emulation purposes only. Similarly to the
XPEREMU, they are write-only registers.
XEMU0 (00’EB76h)
XEMU1 (00’EB78h)
XEMU2 (00’EB7Ah)
XEMU3 (00’EB7Ch)
These registers are used by emulators. They have no user action on the ST10F272Z2.
4.3.1
Hardware impact
None.
4.3.2
Software impact
None. On the ST10F269Zx, the 00’E800h to 00’EBFFh address range was mapped to
external memory but is recommended to reserve this space for upward compatibility.
4.4
XMISC register
This register has been created to handle some additional functionalities. To have access to
this register, the XMISCEN bit, that is, bit 10 of XPERCON, must be set.
ST10F272Z2: XMISC (EB46h)
XREG
Reset value: 0000h
15
14
13
12
11
10
987654
3
2
1
0
Reserved
VREG
OFF
CAN
CK2
CAN
PAR
ADC
MUX
-
R/W
R/W
R/W
R/W
Table 18.
XMISC register description
Bit
Bit name
Function
15:4
-
Reserved
3VREGOFF
Main Voltage Regulator disable in Power-Down mode
0: Default value after reset and when Power-Down is not used
1: On-chip Main Regulator is turned off when Power-Down mode is entered
2
CANCK2
CAN Clock divider by 2 disable
0: Clock provided to CAN modules is CPU clock divided by 2 (mandatory
when fCPU is higher than 40 MHz)
1: Clock provided to CAN modules is directly CPU clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com