Electronic Components Datasheet Search
  English  ▼

X  

AN2641 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2641
Description  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 12Page - STMicroelectronics AN2641 Datasheet HTML 13Page - STMicroelectronics AN2641 Datasheet HTML 14Page - STMicroelectronics AN2641 Datasheet HTML 15Page - STMicroelectronics AN2641 Datasheet HTML 16Page - STMicroelectronics AN2641 Datasheet HTML 17Page - STMicroelectronics AN2641 Datasheet HTML 18Page - STMicroelectronics AN2641 Datasheet HTML 19Page - STMicroelectronics AN2641 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Enabling and disabling the CLCD
AN2641
16/37
Doc ID 14027 Rev 1
4
Enabling and disabling the CLCD
The procedure for enabling and disabling the CLCD is shown in Figure 5. The delay for
signal stabilization depends on the display type.
Caution:
If the delay is too short or non existent, the panel may not work properly and sometimes
hangs with a white screen.
Figure 5.
CLCD OFF/ON sequence
●
Enable the control signals by setting the LCD controller enable bit [0] in the LCD-control
register to 1. To disable the control signals, set this bit to 0.
●
Connect the power to the CLCD panel by setting LCD power enable bit [11] in the LCD-
control register to 1. To disconnect the power from the panel, set this bit to 0.
Enable control signal
Enable data and power signal
Disable control signal
Disable data and power signal
Small delay to let the signal stabilize
Small delay to tet the signal stabilize
CLCD display and working



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com