Electronic Components Datasheet Search
  English  ▼

X  

AN2641 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2641
Description  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 14Page - STMicroelectronics AN2641 Datasheet HTML 15Page - STMicroelectronics AN2641 Datasheet HTML 16Page - STMicroelectronics AN2641 Datasheet HTML 17Page - STMicroelectronics AN2641 Datasheet HTML 18Page - STMicroelectronics AN2641 Datasheet HTML 19Page - STMicroelectronics AN2641 Datasheet HTML 20Page - STMicroelectronics AN2641 Datasheet HTML 21Page - STMicroelectronics AN2641 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
CLCD interrupts
AN2641
18/37
Doc ID 14027 Rev 1
1.
Interrupt clear register is a write-only register. Writing logic 1 to the relevant bit clears
the corresponding interrupt. This register is mainly used by the interrupt service routine
to clear the interrupt, once it is handled.
2.
Raw interrupt status register is a read-only register. On a read it returns five bits that
can generate interrupts when set. This register can be used to check whether an
interrupt occurred.
3.
Interrupt mask set/clear register is used to enable the corresponding raw interrupt in
the 'Raw Interrupt Status register' (bit values) to be passed to the 'Masked Interrupt
Status register'. This read/write register can disable or enable an interrupt.
4.
Masked interrupt status register is a read-only register. It is a bit-by-bit logical AND
of the 'Interrupt Mask Set/Clear register' and the 'Raw Interrupt Status register'.
Interrupt lines correspond to each interrupt. This register can be used to check whether
an interrupt is masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37