Electronic Components Datasheet Search
  English  ▼

X  

AN2647 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN2647
Description  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 22Page - STMicroelectronics AN2647 Datasheet HTML 23Page - STMicroelectronics AN2647 Datasheet HTML 24Page - STMicroelectronics AN2647 Datasheet HTML 25Page - STMicroelectronics AN2647 Datasheet HTML 26Page - STMicroelectronics AN2647 Datasheet HTML 27Page - STMicroelectronics AN2647 Datasheet HTML 28Page - STMicroelectronics AN2647 Datasheet HTML 29Page - STMicroelectronics AN2647 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Interfacing with synchronous memory
AN2647
26/34
SCU_SCR0
8
EMI_ALE_LNGT
1
ALE length=2 tBCLK
7
EMI_ALE_POLR
0
ALE polarity-active low
6
EMI_MULTIPLEXED
0
Multiplexed mode
SCU_GPIOTYPE [5:9]
7:0
Push-pull
0x00
Configure Port 5,6,7,8 and 9 as push-pull
SCU_GPIOOUT7
15:0
Output Function
0x0AAA
Set Port 7 pins P7.5-P7.0 as A[21:16]
SCU_GPIOOUT6
15:0
Output Function
0x0001
P6.0 as GPIO out
SCU_GPIOOUT5
15:0
Output Function
0x0C00
Set P5.5 as CS1
Table 8.
EMI and port register configuration for PSRAM async mode (80 MHZ BCLK)
EMI configuration
register
Register bit
Multiplexed 16-bits asynchronous mode
Bit
Name
Bit value
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com