Electronic Components Datasheet Search
  English  ▼

X  

UPD6708GS Datasheet(PDF) 36 Page - NEC

Part # UPD6708GS
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708GS Datasheet(HTML) 36 Page - NEC

Back Button UPD6708GS Datasheet HTML 32Page - NEC UPD6708GS Datasheet HTML 33Page - NEC UPD6708GS Datasheet HTML 34Page - NEC UPD6708GS Datasheet HTML 35Page - NEC UPD6708GS Datasheet HTML 36Page - NEC UPD6708GS Datasheet HTML 37Page - NEC UPD6708GS Datasheet HTML 38Page - NEC UPD6708GS Datasheet HTML 39Page - NEC UPD6708GS Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
36
µPD6708
(2)
Validity of SETSD command
When SETSD command is executed, it remains valid until one of the following cases arises.
• ‘Data read and lock’ (control bits: 3H) or ‘data read’ (control bits: 7H) is received from the master unit.
• ABORT command is executed.
• Power is turned off, or the reset mode is entered.
When the SETSD command is valid, WDB functions as the slave transmit buffer.
Caution The SETSD command can be executed even if the unit is placed in the slave transmission selection halted
state by INIT command.
(3)
Example
When the SETSD command is used to set the number of transmit data bytes to 5, and the transmit data to ABH, CDH,
EFH, 14H, and 25H, the contents of WDB and CMR are as shown below.
Caution Transmit data 14H and 25H should be set when the above command parameters have been read and WDB
is empty.
5.2.7
GETSTA command (command code: 0110)
The GETSTA command is used by a unit to check whether it is locked by another unit.
(1)
Functions
<1> Reads the lock status which indicates whether or not this unit is locked by another unit. ‘1J’ is placed in RDB if the
unit is locked, and ‘0H’ if not locked.
<2> The address (12 bits) of a locked unit is placed in RDB. This data is meaningless when the unit is not locked.
After execution of GETSTA command, the data placed in RDB is as follows.
0000
0101
1010
1011
0100
0101
First Byte
Second Byte
Third Byte
Fourth Byte
WDB
CMR
Second
Data Byte
Third
Data Byte
Number of Transmit
Data Bytes
First
Data Byte
1100
1101
1110
1111
Lock Status
Address of Locked Unit (12 Bits)
First Byte
Second Byte
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com