Electronic Components Datasheet Search
  English  ▼

X  

UPD6708GS Datasheet(PDF) 62 Page - NEC

Part # UPD6708GS
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708GS Datasheet(HTML) 62 Page - NEC

Back Button UPD6708GS Datasheet HTML 58Page - NEC UPD6708GS Datasheet HTML 59Page - NEC UPD6708GS Datasheet HTML 60Page - NEC UPD6708GS Datasheet HTML 61Page - NEC UPD6708GS Datasheet HTML 62Page - NEC UPD6708GS Datasheet HTML 63Page - NEC UPD6708GS Datasheet HTML 64Page - NEC UPD6708GS Datasheet HTML 65Page - NEC UPD6708GS Datasheet HTML 66Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
62
µPD6708
(4)
Processing in case of end during master reception return code (7H)
Note
To distinguish data from receive data (slave reception, broadcast reception) newly input in the next communication
frame, after reading RDB (inputting one serial clock pulse to SCK pin), STR should be read (inputting one serial
clock pulse to SCK pin) within the time shown below.
• When the next frame is mode 2
: Approx. 290
µs
• When the next frame is mode 1
: Approx. 400
µs
• When the next frame is mode 0
: Approx. 1580
µs
However, the above time limits for reading STR do not apply if this processing routine is executed in the reception
disabled state after executing the SETREV command.
The flowcharts for slave reception processing and broadcast reception processing are the same as for master reception
processing, and are therefore omitted here.
Start
Mre = 1 ?
Set master reception flag (Mre).
Mre
← 1
Note
Y
Read RDB
Read RDB
Read RDB
N3
←
number of master
receive data bytes
Read STR
RDB empty ?
Read RDB
N
N
Mre
← 0
End
Y
Read slave address (higher 8 bits).
Read slave address (lower 4 bits)
and control bits.
Read number of master receive data bytes.
Read master receive data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com