Electronic Components Datasheet Search
  English  ▼

X  

AN2797 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2797
Description  PCB layout guidelines for SPEAr600
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2797 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2797 Datasheet HTML 12Page - STMicroelectronics AN2797 Datasheet HTML 13Page - STMicroelectronics AN2797 Datasheet HTML 14Page - STMicroelectronics AN2797 Datasheet HTML 15Page - STMicroelectronics AN2797 Datasheet HTML 16Page - STMicroelectronics AN2797 Datasheet HTML 17Page - STMicroelectronics AN2797 Datasheet HTML 18Page - STMicroelectronics AN2797 Datasheet HTML 19Page - STMicroelectronics AN2797 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
USB interface
AN2797
16/23
Doc ID 14841 Rev 1
3.3
USB Device Vbus
The 5 V USB Vbus signal on the device connector should be reduced with a resistor divider
to 3.3 V to connect to the SPEAr600 USB_DEV_VBUS pin. A 100 nF decoupling capacitor
should be placed near the SPEAr600 pin, and a 1 µF capacitor placed near the connector.
Figure 6.
USB Vbus connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com