Electronic Components Datasheet Search
  English  ▼

X  

LT6301 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6301
Description  Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6301 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6301 Datasheet HTML 4Page - Linear Technology LT6301 Datasheet HTML 5Page - Linear Technology LT6301 Datasheet HTML 6Page - Linear Technology LT6301 Datasheet HTML 7Page - Linear Technology LT6301 Datasheet HTML 8Page - Linear Technology LT6301 Datasheet HTML 9Page - Linear Technology LT6301 Datasheet HTML 10Page - Linear Technology LT6301 Datasheet HTML 11Page - Linear Technology LT6301 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT6301
sn6301 6301f
Logic Controlled Operating Current
The DSP controller in a typical xDSL application can have
I/O pins assigned to provide logic control of the LT6301
line driver operating current. As shown in Figure 4 one or
two logic control inputs can control two or four different
operating modes. The logic inputs add or subtract current
to the SHDN input to set the operating current. The one
logic input example selects the supply current to be either
full power, 10mA per amplifier or just 2mA per amplifier,
which significantly reduces the driver power consumption
APPLICATIO S I FOR ATIO
RBIAS (kΩ)
4
7
10
50
90
130
170
210
250
30
70
100
150
190
230
270 290
20
25
30
35
40
6301 F03
5
10
15
0
45
VS = ±12V
V+ = 12V
RBIAS
SHDN
SHDNREF
RBIAS =
• 64 – 5k
V+ – 1.2V
IS PER AMPLIFIER (mA)
IS PER AMPLIFIER (mA)
• 64
V+ – 1.2V
RBIAS + 5k
≈
Figure 3. RBIAS to Ground Current Control
while maintaining less than 2
Ω output impedance to
frequencies less than 1MHz. This low power mode retains
termination impedance at the amplifier outputs and the
line driving back termination resistors. With this termina-
tion, while a DSL port is not transmitting data, it can still
sense a received signal from the line across the back-
termination resistors and respond accordingly.
The two logic input control provides two intermediate
(approximately 7mA per amplifier and 5mA per amplifier)
operating levels between full power and termination modes.
Two Control Inputs
RESISTOR VALUES (k
Ω)
RSHDN TO VCC (12V) RSHDN TO VLOGIC
VLOGIC
RSHDN
RC1
RCO
3V
40.2
11.5
19.1
3.3V
43.2
13.0
22.1
5V
60.4
21.5
36.5
3V
4.99
8.66
14.3
3.3V
6.81
10.7
17.8
5V
19.6
20.5
34.0
VC0
H
L
H
L
VC1
H
H
L
L
10
7
5
2
10
7
5
2
10
7
5
2
10
7
5
2
10
7
5
2
10
7
5
2
SUPPLY CURRENT PER AMPLIFIER (mA)
One Control Input
RESISTOR VALUES (k
Ω)
RSHDN TO VCC (12V) RSHDN TO VLOGIC
VLOGIC
RSHDN
RC
3V
40.2
7.32
3.3V
43.2
8.25
5V
60.4
13.7
3V
4.99
5.49
3.3V
6.81
6.65
5V
19.6
12.7
VC
H
L
10
2
10
2
10
2
10
2
10
2
10
2
SUPPLY CURRENT PER AMPLIFIER (mA)
RSHDN
RC1
VC1
VLOGIC
12V OR VLOGIC
0V
VC0
RC0
SHDN
SHDNREF
2k
RSHDN
RC
VC
VLOGIC
12V OR VLOGIC
0V
SHDN
SHDNREF
6301 F04
2k
Figure 4. Providing Logic Input Control of Operating Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com