Electronic Components Datasheet Search
  English  ▼

X  

KTC4468 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTC4468
Description  TRIPLE DIFFUSED PNP TRANSISTOR(AUDIO AND GENERAL PURPOSE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4468 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTC4468 Datasheet HTML 1Page - KEC(Korea Electronics) KTC4468 Datasheet HTML 2Page - KEC(Korea Electronics) KTC4468 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2000. 4. 19
3/3
KTC4468
Revision No : 0
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-3
-5
-10
-50
-100 -200
I
MAX.(PULSED) *
C
DC
OPERATION
Tc=25
C
* SINGLE NONREPETITIVE
P
- T
AMBIENT TEMPERATURE Ta ( C)
(2)
(1)
(1) Tc= Ta
INFINITE HEAT SINK
(2) NO HEAT SINK
Ca
PULSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
0
3
50
100
25
50
75
100
125
150
-0.1
-0.3
-1
-3
-10
-30



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com