Electronic Components Datasheet Search
  English  ▼

X  

KTC4468 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC4468
Description  TRIPLE DIFFUSED PNP TRANSISTOR(AUDIO AND GENERAL PURPOSE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4468 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC4468 Datasheet HTML 1Page - KEC(Korea Electronics) KTC4468 Datasheet HTML 2Page - KEC(Korea Electronics) KTC4468 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2000. 4. 19
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTC4468
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 0
AUDIO AND GENERAL PURPOSE APPLICATION
FEATURES
Complementary to KTA1695.
Recommended for 60W Audio Frequency
Amplifier Output Stage.
MAXIMUM RATING (Ta=25 )
1. BASE
2. COLLECTOR (HEAT SINK)
3. EMITTER
TO-3P(N)
K
A
D
B
d
P
PT
M
Q
12
3
A
15.9 MAX
MILLIMETERS
DIM
B
4.8 MAX
C
20.0 0.3
D
2.0 0.3
d
1.0+0.3/-0.25
E2.0
F1.0
G
3.3 MAX
H9.0
I4.5
J
2.0
K
1.8 MAX
L
20.5 0.5
P
5.45 0.2
Q
Φ3.2 0.2
T
0.6+0.3/-0.1
2.8
M
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut of Current
ICBO
VCB=200V
-
-
10
A
Emitter Cut of Current
IEBO
VEB=6V
-
-
10
A
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=50mA
140
-
-
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=5A, IB=0.5A
-
-
0.5
V
DC Current Gain
hFE
VCE=4V, IC=3A
55
-
-
Gain Bandwidth Product
fT
VCE=12V, IE=-0.5A
-
20
-
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
-
250
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
200
V
Collector-Emitter Voltage
VCEO
140
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
10
A
Base Current
IB
4
A
Collector Power Dissipation
(Tc=25 )
PC
100
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
(Note) : hFE Classification
R:55 110 , O:80 160


Similar Part No. - KTC4468

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4468A KEC-KTC4468A Datasheet
128Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
KTC4468 KEC-KTC4468_15 Datasheet
90Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
More results

Similar Description - KTC4468

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3856 SANKEN-2SC3856 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC4511 SANKEN-2SC4511 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
logo
KEC(Korea Electronics)
KTB1366 KEC-KTB1366 Datasheet
295Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
KTB1367 KEC-KTB1367 Datasheet
328Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
KTB1368 KEC-KTB1368 Datasheet
356Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
KTB595 KEC-KTB595 Datasheet
276Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
KTB988 KEC-KTB988 Datasheet
477Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
KTB989 KEC-KTB989 Datasheet
413Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
TIP32C KEC-TIP32C Datasheet
224Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
TIP32CF KEC-TIP32CF Datasheet
357Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com