Electronic Components Datasheet Search
  English  ▼

X  

LTC1265 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1265
Description  1.2A, High Efficiency Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1265 Datasheet(HTML) 1 Page - Linear Technology

  LTC1265 Datasheet HTML 1Page - Linear Technology LTC1265 Datasheet HTML 2Page - Linear Technology LTC1265 Datasheet HTML 3Page - Linear Technology LTC1265 Datasheet HTML 4Page - Linear Technology LTC1265 Datasheet HTML 5Page - Linear Technology LTC1265 Datasheet HTML 6Page - Linear Technology LTC1265 Datasheet HTML 7Page - Linear Technology LTC1265 Datasheet HTML 8Page - Linear Technology LTC1265 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1265/LTC1265-3.3/LTC1265-5
VIN
5.4V TO
12V
L1*
33
µH
RSENSE**
0.1
Ω
VOUT
5V
1A
COUT
††
220
µF
10V
1000pF
130pF
3900pF
1k
0.1
µF
CIN
†††
68
µF
20V
D1
†
PWR VIN
VIN
SW
PGND
SENSE+
SENSE–
SGND
ITH
CT
LTC1265-FO1
SHDN
*
**
†
††
†††
COILTRONICS CTX33-4
IRC LRC2010-01-R100-J
MBRS130LT3
AVX TPSE227K010
AVX TPSE686K020
LTC1265-5
+
+
Figure 1. High Efficiency Step-Down Converter
1.2A, High Efficiency
Step-Down DC/DC Converter
s
High Efficiency: Up to 95%
s
Current Mode Operation for Excellent Line and Load
Transient Response
s
Internal 0.3
Ω Power Switch (VIN = 10V)
s
Short-Circuit Protection
s
Low Dropout Operation: 100% Duty Cycle
s
Low-Battery Detector
s
Low 160
µA Standby Current at Light Loads
s
Active-High Micropower Shutdown: IQ < 15µA
s
Peak Inductor Current Independent of Inductor Value
s
Available in 14-pin SO Package
The LTC
®1265 is a monolithic step-down current mode
DC/DC converter featuring Burst Mode
TM operation at low
output current. The LTC1265 incorporates a 0.3
Ω switch
(VIN =10V) allowing up to 1.2A of output current.
Under no load condition, the converter draws only 160
µA.
In shutdown it typically draws a mere 5
µA making this
converter ideal for current sensitive applications. In drop-
out the internal P-channel MOSFET switch is turned on
continuously maximizing the life of the battery source. The
LTC1265 incorporates automatic power saving Burst Mode
operation to reduce gate charge losses when the load
currents drop below the level required for continuous
operation.
The inductor current is user-programmable via an external
current sense resistor. Operation up to 700kHz permits
the use of small surface mount inductors and capacitors.
s
5V to 3.3V Conversion
s
Distributed Power Systems
s
Step-Down Converters
s
Inverting Converters
s
Memory Backup Supply
s
Portable Instruments
s
Battery-Powered Equipment
s
Cellular Telephones
LTC1265-5 Efficiency
Burst Mode is a trademark of Linear Technology Corporation.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
LOAD CURRENT (A)
0.01
70
75
80
85
90
100
0.10
1.00
LTC1265 TA01
95
VIN = 6V
VIN = 9V
VIN = 12V
L = 33
µH
VOUT = 5V
RSENSE = 0.1Ω
CT = 130pF
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1265

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1265 LINER-LTC1265 Datasheet
226Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-3.3 LINER-LTC1265-3.3 Datasheet
226Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-3.3 LINER-LTC1265-3.3 Datasheet
243Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-3.3 LINER-LTC1265-3.3_15 Datasheet
243Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-5 LINER-LTC1265-5 Datasheet
226Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
More results

Similar Description - LTC1265

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
High-Efficiency, Step-Down DC/DC Converter
logo
Linear Technology
LTC1265 LINER-LTC1265 Datasheet
226Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
High-Efficiency Step-Down DC-DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
high-efficiency step down DC-DC converter
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
1.2A Step-down DC-DC Converter
logo
Linear Technology
LTC1265-3.3 LINER-LTC1265-3.3_15 Datasheet
243Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-5 LINER-LTC1265-5_15 Datasheet
243Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Princeton Technology Co...
RS8016 PTC-RS8016 Datasheet
241Kb / 3P
1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com