Electronic Components Datasheet Search
  English  ▼

X  

LTC1265 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1265
Description  1.2A, High Efficiency Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1265 Datasheet(HTML) 4 Page - Linear Technology

  LTC1265 Datasheet HTML 1Page - Linear Technology LTC1265 Datasheet HTML 2Page - Linear Technology LTC1265 Datasheet HTML 3Page - Linear Technology LTC1265 Datasheet HTML 4Page - Linear Technology LTC1265 Datasheet HTML 5Page - Linear Technology LTC1265 Datasheet HTML 6Page - Linear Technology LTC1265 Datasheet HTML 7Page - Linear Technology LTC1265 Datasheet HTML 8Page - Linear Technology LTC1265 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1265/LTC1265-3.3/LTC1265-5
PWR VIN (Pins 1, 13): Supply for the Power MOSFET and
its Driver. Must decouple this pin properly to ground. Must
always tie Pins 1 and 13 together.
VIN (Pin 2): Main Supply for All the Control Circuitry in the
LTC1265.
LBOUT (Pin 3): Open-Drain Output of the Low-Battery
Comparator. This pin will sink current when Pin 4 (LBIN)
goes below 1.25V. During shutdown, this pin is high
impedance.
LBIN(Pin 4): The (–) Input of the Low-Battery Comparator.
The (+) input is connected to a reference voltage of 1.25V.
CT (Pin 5): External capacitor CT from Pin 5 to ground sets
the switch off time. The operating frequency is dependent
on the input voltage and CT.
ITH (Pin 6): Feedback Amplifier Decoupling Point. The
current comparator threshold is proportional to Pin 6
voltage.
SENSE – (Pin 7): Connect to the (–) input of the current
comparator. For LTC1265-3.3 and LTC1265-5, it also
connects to an internal resistive divider which sets the
output voltage.
SENSE+ (Pin 8): The (+) Pin to the Current Comparator. A
built-in offset between Pins 7 and 8 in conjunction with
RSENSE sets the current trip threshold.
N/C,VFB (Pin 9): For the LTC1265 adjustable version, this
pin serves as the feedback pin from an external resistive
divider used to set the output voltage. On the LTC1265-3.3
and LTC1265-5 versions, this pin is not used.
SHDN (Pin 10): Pulling this pin HIGH keeps the internal
switch off and puts the LTC1265 in micropower shut-
down. Do not float this pin.
SGND (Pin 11): Small-Signal Ground. Must be routed
separately from other grounds to the (–) terminal of COUT.
PGND (Pin 12): Switch Driver Ground. Connects to the
(–) terminal of CIN. Anode of the Schottky diode must be
connected close to this pin.
SW (Pin 14): Drain of the P-Channel MOSFET Switch.
Cathode of the Schottky diode must be connected close to
this pin.
DC Supply Current
Supply Current in Shutdown
Gate Charge Losses
INPUT VOLTAGE (V)
0
0
0.3
0.6
0.9
2.1
1.5
2
6
814
1.8
1.2
4
10
12
DOES NOT INCLUDE
GATE CHARGE
ACTIVE MODE
SLEEP MODE
1265 G07
INPUT VOLTAGE (V)
3
6
8
11
1265 G08
4
2
0
5
7
9
13
5
7
3
1
10
4
6
8
12
SHUTDOWN = 3V
TA = 25C
FREQUENCY (kHz)
0
0
1.0
2.0
3.0
4.0
200
400
1265 G09
600
5.0
5.5
4.5
3.5
2.5
1.5
0.5
800
1000
VIN = 12V
VIN = 9V
VIN = 6V
TYPICAL PERFOR A CE CHARACTERISTICS
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com