Electronic Components Datasheet Search
  English  ▼

X  

LTC1279 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1279
Description  12-Bit, 600ksps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1279 Datasheet(HTML) 1 Page - Linear Technology

  LTC1279 Datasheet HTML 1Page - Linear Technology LTC1279 Datasheet HTML 2Page - Linear Technology LTC1279 Datasheet HTML 3Page - Linear Technology LTC1279 Datasheet HTML 4Page - Linear Technology LTC1279 Datasheet HTML 5Page - Linear Technology LTC1279 Datasheet HTML 6Page - Linear Technology LTC1279 Datasheet HTML 7Page - Linear Technology LTC1279 Datasheet HTML 8Page - Linear Technology LTC1279 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1279
12-Bit, 600ksps Sampling
A/D Converter with Shutdown
S
FEATURE
DESCRIPTIO
s
Single Supply 5V or
±5V Operation
s
Sample Rate: 600ksps
s
70dB S/(N + D) and 74dB THD at Nyquist
s
Power Dissipation: 60mW Typ
s
Power Shutdown with Instant Wake-Up
s
Internal Reference Can Be Overdriven Externally
s
Internal Synchronized Clock; No Clock Required
s
High Impedance Analog Input
s
Input Range: 0V to 5V or
±2.5V
s
New Flexible, Friendly Parallel Interface Eases
Connections to DSPs and FIFOs
s
24-Pin SO Wide Package
APPLICATI
TYPICAL
The LTC
®1279 is a 1.4
µs, 600ksps, sampling 12-bit A/D
converter which draws only 60mW from a single 5V or
±5V supplies. This easy-to-use device comes complete
with a 160ns sample-and-hold, a precision reference and
an internally trimmed clock. Unipolar and bipolar conver-
sion modes add to the flexibility of the ADC. The low
power dissipation is reduced even more, drawing only
8.5mW in power shutdown mode. Instant wake-up from
power shutdown allows the converter to be powered
down even during brief inactive periods.
The LTC1279 converts 0V to 5V unipolar inputs from a
single 5V supply and
±2.5V bipolar inputs from ±5V
supplies. Maximum DC specs include
±1LSB INL and
±1LSB DNL. Outstanding guaranteed AC performance
includes 70dB S/(N + D) and 78dB THD at the input
frequency of 100kHz over temperature.
The internal clock is trimmed for 1.4
µs conversion time.
The clock automatically synchronizes to each sample
command, eliminating problems with asynchronous clock
noise found in competitive devices. A separate conversion
start input and a data-ready signal (BUSY) ease connec-
tions to FIFOs, DSPs and microprocessors.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Single 5V Supply, 600kHz, 12-Bit Sampling A/D Converter
Effective Bits and Signal-to-(Noise + Distortion)
vs Input Frequency
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AIN
VREF
AGND
D11(MSB)
D10
D9
D8
D7
D6
D5
D4
DGND
AVDD
VSS
BUSY
CS
RD
CONVST
SHDN
DVDD
D0
D1
D2
D3
LTC1279
+
0.1
µF
10
µF
2.42V
REFERENCE
OUTPUT
ANALOG INPUT
(0V TO 5V)
10
µF
0.1
µF
5V
12-BIT
PARALLEL
BUS
µP CONTROL
LINES
LTC1279 • TA01
+
CONVERSION-START INPUT
POWER SHUTDOWN INPUT
S
APPLICATI
s
High Speed Data Acquisition
s
Digital Signal Processing
s
Multiplexed Data Acquisition Systems
s
Audio and Telecom Processing
s
Spectrum Analysis
FREQUENCY (Hz)
10k
100k
1M
5M
1279 G03
12
11
10
9
8
7
6
5
4
3
2
1
0
74
68
62
56
50
fSAMPLE = 600kHz
NYQUIST
FREQUENCY


Similar Part No. - LTC1279

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1279C LINER-LTC1279C Datasheet
327Kb / 16P
12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1279CSW LINER-LTC1279CSW Datasheet
327Kb / 16P
12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1279I LINER-LTC1279I Datasheet
327Kb / 16P
12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1279ISW LINER-LTC1279ISW Datasheet
327Kb / 16P
12-Bit, 600ksps Sampling A/D Converter with Shutdown
More results

Similar Description - LTC1279

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408-12 LINER-LTC1408-12 Datasheet
275Kb / 20P
6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410_15 Datasheet
163Kb / 16P
12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com