Electronic Components Datasheet Search
  English  ▼

X  

LTC1279 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1279
Description  12-Bit, 600ksps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1279 Datasheet(HTML) 3 Page - Linear Technology

  LTC1279 Datasheet HTML 1Page - Linear Technology LTC1279 Datasheet HTML 2Page - Linear Technology LTC1279 Datasheet HTML 3Page - Linear Technology LTC1279 Datasheet HTML 4Page - Linear Technology LTC1279 Datasheet HTML 5Page - Linear Technology LTC1279 Datasheet HTML 6Page - Linear Technology LTC1279 Datasheet HTML 7Page - Linear Technology LTC1279 Datasheet HTML 8Page - Linear Technology LTC1279 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1279
ACCURACY
IC
DY A
I TER AL REFERE CE CHARACTERISTICS
DIGITAL I PUTS A D DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
q
2.4
V
VIL
Low Level Input Voltage
VDD = 4.95V
q
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
VDD = 4.95V
IO = – 10µA
4.9
V
IO = – 200µA
q
4.0
V
VOL
Low Level Output Voltage
VDD = 4.95V
IO = 160µA
0.05
V
IO = 1.6mA
q
0.10
0.4
V
IOZ
High-Z Output Leakage D11 to D0
VOUT = 0V to VDD, CS High
q
±10
µA
COZ
High-Z Output Capacitance D11 to D0
CS High (Note 9 )
q
15
pF
ISOURCE
Output Source Current
VOUT = 0V
– 10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-Noise Plus Distortion Ratio
100kHz Input Signal
q
70
72
dB
300kHz Input Signal
70
dB
THD
Total Harmonic Distortion
100kHz Input Signal
q
– 82
– 78
dB
First 5 Harmonics
300kHz Input Signal
– 74
dB
Peak Harmonic or Spurious Noise
100kHz Input Signal
q
– 82
– 78
dB
300kHz Input Signal
– 80
dB
IMD
Intermodulation Distortion
fIN1 = 94.189kHz, fIN2 = 97.705kHz
2nd Order Terms
– 81
dB
3rd Order Terms
– 78
dB
fIN1 = 299.26kHz, fIN2 = 305.12kHz
2nd Order Terms
– 77
dB
3rd Order Terms
– 74
dB
Full Power Bandwidth
5
MHz
Full Linear Bandwidth (S/(N + D)
≥ 68dB)
500
kHz
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
2.400
2.420
2.440
V
VREF Output Tempco
IOUT = 0
q
±10
±45
ppm/
°C
VREF Line Regulation
4.95V
≤ VDD ≤ 5.25V
0.01
LSB/V
– 5.25V
≤ VSS ≤ –4.95V
0.01
LSB/V
VREF Load Regulation
– 5mA
≤ IOUT ≤ 800µA
2
LSB/mA
(Notes 5, 10)
(Note 5)
(Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com