Electronic Components Datasheet Search
  English  ▼

X  

LTC1323 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1323
Description  Single 5V AppleTalk Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1323 Datasheet(HTML) 1 Page - Linear Technology

  LTC1323 Datasheet HTML 1Page - Linear Technology LTC1323 Datasheet HTML 2Page - Linear Technology LTC1323 Datasheet HTML 3Page - Linear Technology LTC1323 Datasheet HTML 4Page - Linear Technology LTC1323 Datasheet HTML 5Page - Linear Technology LTC1323 Datasheet HTML 6Page - Linear Technology LTC1323 Datasheet HTML 7Page - Linear Technology LTC1323 Datasheet HTML 8Page - Linear Technology LTC1323 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1323
Single 5V
AppleTalk
® Transceiver
DX
CHARGE PUMP
DX
RX
RX
RX
0.33
µF
CPEN
TXD
TXI
TXDEN
SHDN
RXEN
RXO
RXO
RXDO
3
2
1
4
5
6
7
8
9
10
11
12
TXD–
TXD+
TXO
RXI
RXI
RXD+
RXD–
24
21
23
22
20
19
18
17
5
Ω TO 10Ω
=
5
Ω TO 10Ω
16
14
15
13
LTC1323 • TA01
0.33
µF
100pF
1
µF
1
µF
5V
LTC1323
8
7
6
5
4
2
1
3
EMI FILTER
EMI FILTER
EMI FILTER
EMI FILTER
EMI FILTER
EMI FILTER
EMI FILTER
EMI FILTER
+
+
S
FEATURE
DESCRIPTIO
s
Single Chip Provides Complete
LocalTalk
®/AppleTalk Port
s
Operates From a Single 5V Supply
s
ESD Protection to
±10kV on Receiver Inputs
and Driver Outputs
s
Low Power: ICC = 2.4mA Typ
s
Shutdown Pin Reduces ICC to 0.5µA Typ
s
Receiver Keep-Alive Function: ICC = 65µA Typ
s
Differential Driver Drives Either Differential
AppleTalk or Single-Ended EIA562 Loads
s
Drivers Maintain High Impedance in Three-State or
with Power Off
s
Thermal Shutdown Protection
s
Drivers are Short-Circuit Protected
The LTC
®1323isamulti-protocollinetransceiverdesigned
to operate on AppleTalk or EIA562-compatible single-
ended networks while operating from a single 5V supply.
There are two versions of the LTC1323 available: a 16-pin
version designed to connect to an AppleTalk network,
and a 24-pin version which also includes the additional
single-ended drivers and receivers necessary to create
an Apple-compatible serial port. An on-board charge
pump generates a – 5V supply which can be used to
power external devices. Additionally, the 24-pin LTC1323
features a micropower keep-alive mode during which
one of the single-ended receivers is kept active to monitor
external wake-up signals. The LTC1323 draws only 2.4mA
quiescent current when active, 65
µA in receiver keep-
alive mode, and 0.5
µA in shutdown, making it ideal for
use in battery-powered systems.
The differential driver can drive either differential AppleTalk
loads or conventional single-ended loads. The driver
outputs three-state when disabled, during shutdown, in
receiver keep-alive mode, or when the power is off. The
driver outputs will maintain high impedance even with
output common-mode voltages beyond the power supply
rails. Both the driver outputs and receiver inputs are
protected against ESD damage to
±10kV.
S
APPLICATI
s
LocalTalk Peripherals
s
Notebook/Palmtop Computers
s
Battery-Powered Systems
APPLICATI
TYPICAL
AppleTalk and LocalTalk are registered trademarks of Apple Computer, Inc.
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1323

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1323 LINER-LTC1323 Datasheet
284Kb / 12P
Single 5V AppleTalk Transceiver
LTC1323CG LINER-LTC1323CG Datasheet
284Kb / 12P
Single 5V AppleTalk Transceiver
LTC1323CS LINER-LTC1323CS Datasheet
284Kb / 12P
Single 5V AppleTalk Transceiver
LTC1323CSW LINER-LTC1323CSW Datasheet
284Kb / 12P
Single 5V AppleTalk Transceiver
More results

Similar Description - LTC1323

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
5V Only RS-232/AppleTalk Programmable Transceiver
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
Single 5V RS232/RS422/AppleTalk DCE Transceiver
LTC1320 LINER-LTC1320 Datasheet
213Kb / 8P
AppleTalk Transceiver
LTC1323 LINER-LTC1323 Datasheet
284Kb / 12P
Single 5V AppleTalk Transceiver
logo
Maxim Integrated Produc...
MAX216 MAXIM-MAX216 Datasheet
212Kb / 8P
Low-Power AppleTalk Interface Transceiver
19-0112; Rev 0; 3/93
logo
Sipex Corporation
SP303 SIPEX-SP303 Datasheet
75Kb / 8P
RS232/AppleTalk TM Serial Transceiver
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
5V Only RS-232/AppleTalk??Programmable Transceiver
logo
Linear Technology
LTC1320 LINER-LTC1320_15 Datasheet
270Kb / 8P
AppleTalk Transceiver
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
Single 5V RS232/RS485 Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com