Electronic Components Datasheet Search
  English  ▼

X  

LTC1323 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1323
Description  Single 5V AppleTalk Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1323 Datasheet(HTML) 2 Page - Linear Technology

  LTC1323 Datasheet HTML 1Page - Linear Technology LTC1323 Datasheet HTML 2Page - Linear Technology LTC1323 Datasheet HTML 3Page - Linear Technology LTC1323 Datasheet HTML 4Page - Linear Technology LTC1323 Datasheet HTML 5Page - Linear Technology LTC1323 Datasheet HTML 6Page - Linear Technology LTC1323 Datasheet HTML 7Page - Linear Technology LTC1323 Datasheet HTML 8Page - Linear Technology LTC1323 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1323
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage (VCC) ................................................ 7V
Input Voltage
Logic Inputs .............................. – 0.3V to VCC + 0.3V
Receiver Inputs ................................................
±15V
Driver Output Voltage (Forced) .............................
±15V
Driver Short-Circuit Duration .......................... Indefinite
Operating Temperature Range .................... 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC1323CS
LTC1323CG
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 96°C/W
ORDER PART
NUMBER
LTC1323CSW
Consult factory for Industrial and Military grade parts.
TJMAX = 125°C, θJA = 85°C/W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C1+
C2–
CPEN
TXD
TXI
TXDEN
SHDN
RXEN
RXO
RXO
RXDO
NC
NC
GND
VCC
C2+
C2–
NC
NC
VEE
TXD–
TXD+
TXO
RXI
RXI
RXD–
RXD+
PGND
G PACKAGE
28-LEAD PLASTIC SSOP
TOP VIEW
TJMAX = 125°C, θJA = 85°C/W
1
2
3
4
5
6
7
8
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
16
15
14
13
12
11
10
9
C1+
C1–
TXD
TXDEN
SHDN
RXEN
RXDO
GND
VCC
C2+
C2–
VEE
TXD–
TXD+
RXD–
RXD+
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
SW PACKAGE
24-LEAD PLASTIC SO WIDE
24
23
22
21
20
19
18
17
16
15
14
13
C1+
C1–
CPEN
TXD
TXI
TXDEN
SHDN
RXEN
RXO
RXO
RXDO
GND
VCC
C2+
C2–
VEE
TXD–
TXD+
TXO
RXI
RXI
RXD–
RXD+
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com