Electronic Components Datasheet Search
  English  ▼

X  

LTC1440 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1440
Description  Ultralow Power Single/Dual Comparator with Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1440 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1440 Datasheet HTML 5Page - Linear Technology LTC1440 Datasheet HTML 6Page - Linear Technology LTC1440 Datasheet HTML 7Page - Linear Technology LTC1440 Datasheet HTML 8Page - Linear Technology LTC1440 Datasheet HTML 9Page - Linear Technology LTC1440 Datasheet HTML 10Page - Linear Technology LTC1440 Datasheet HTML 11Page - Linear Technology LTC1440 Datasheet HTML 12Page - Linear Technology LTC1440 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1440/LTC1441/LTC1442
144012fd
PIN FUNCTIONS
V –
V +
OUT A
LTC1441
1
2
3
4
8
7
6
5
IN A+
IN A–
IN B+
IN B–
OUT B
1440/1/2 PD
–
+
A
–
+
B
V –
V –
V +
OUT A
LTC1442
1
2
3
4
8
7
6
5
IN A+
IN B–
REF
HYST
OUT B
1
2
3
4
8
7
6
5
IN+
IN–
HYST
REF
V+
OUT
–
+
V –
GND
LTC1440
–
+
–
+
A
B
LTC1440
GND (Pin 1): Ground. Connect to V – for single supply
operation.
V – (Pin 2): Negative Supply. Connect to ground for single
supply operation. Potential should be more negative than
GND.
IN + (Pin 3): Noninverting Comparator Input. Input com-
mon mode range from V – to V + –1.3V. Input current
typically 10pA at 25
°C.
IN – (Pin 4): Inverting Comparator Input. Input common
mode range from V – to V + –1.3V. Input current typically
10pA at 25
°C.
HYST (Pin 5): Hysteresis Input. Connect to REF if not
used. Input voltage range is from VREF to VREF – 50mV.
REF (Pin 6): Reference Output. 1.182V with respect
to V –. Can source up to 200
µA and sink 15µA at 25°C.
Drive 0.01
µF bypass capacitor without oscillation.
V + (Pin 7): Positive Supply. 2V to 11V.
OUT (Pin 8): Comparator CMOS Output. Swings from
GND to V +. Output can source up to 40mA and sink 5mA.
LTC1441
OUT A (Pin 1): Comparator A CMOS Output. Swings from
V – to V +. Output can source up to 40mA and sink 5mA.
V – (Pin 2): Negative Supply.
IN A+ (Pin 3): Noninverting Input of Comparator A. Input
common mode range from V – to V + –1.3V. Input current
typically 10pA at 25
°C.
IN A– (Pin 4): Inverting Input of Comparator A. Input
common mode range from V – to V + –1.3V. Input current
typically 10pA at 25
°C.
IN B – (Pin 5): Inverting Input of Comparator B. Input
common mode range from V – to V + –1.3V. Input current
typically 10pA at 25
°C.
IN B + (Pin 6): Noninverting Input of Comparator B. Input
common mode range from V – to V + –1.3V. Input current
typically 10pA at 25
°C.
V + (Pin 7): Positive Supply. 2V to 11V.
OUT B (Pin 8): Comparator B CMOS Output. Swings from
V – to V +. Output can source up to 40mA and sink 5mA.
LTC1442
OUT A (Pin 1): Comparator A CMOS Output. Swings from
V – to V +. Output can source up to 40mA and sink 5mA.
V – (Pin 2): Negative Supply.
IN A+ (Pin 3): Noninverting Input of Comparator A. Input
common mode range from V – to V + –1.3V. Input current
typically 10pA at 25
°C.
IN B– (Pin 4): Inverting Input of Comparator B. Input
common mode range from V – to V + –1.3V. Input current
typically 10pA at 25
°C.
HYST (Pin 5): Hysteresis Input. Connect to REF if not
used. Input voltage range is from VREF to VREF – 50mV.
REF (Pin 6): Reference Output. 1.182V with respect
to V –. Can source up to 200
µA and sink 15µA at 25°C.
Drive 0.01
µF bypass capacitor without oscillation.
V + (Pin 7): Positive Supply. 2V to 11V.
OUT B (Pin 8): Comparator B CMOS Output. Swings from
V – to V +. Output can source up to 40mA and sink 5mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com