Electronic Components Datasheet Search
  English  ▼

X  

LTC1440 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1440
Description  Ultralow Power Single/Dual Comparator with Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1440 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1440 Datasheet HTML 8Page - Linear Technology LTC1440 Datasheet HTML 9Page - Linear Technology LTC1440 Datasheet HTML 10Page - Linear Technology LTC1440 Datasheet HTML 11Page - Linear Technology LTC1440 Datasheet HTML 12Page - Linear Technology LTC1440 Datasheet HTML 13Page - Linear Technology LTC1440 Datasheet HTML 14Page - Linear Technology LTC1440 Datasheet HTML 15Page - Linear Technology LTC1440 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1440/LTC1441/LTC1442
144012fd
APPLICATIONS INFORMATION
2. Calculate the required resistive divider ratio.
Ratio = VREF/VIN
Ratio = 1.182V/4.65V = 0.254
3. Choose the required hysteresis voltage band at the
input VHBIN, in this example 60mV. Calculate the hyster-
esis voltage band referred to the comparator input VHB.
VHB = (VHBIN)(Ratio)
VHB = (60mV)(0.254)
VHB = 15.24mV
4. Choose the values for R3 and R4 to set the hysteresis.
R4 = 2.4M
R3(k
Ω) = VHB = 15k
5. Choose the values for R1 and R2 to set the trip point.
R
V
I
V
A
M
RR
V
V
V
REF
BIAS
IN
REF
HB
1
1 182
1
118
21
2
1
==
=
=
+
−
⎡
⎣
⎢
⎢
⎢
⎢
⎤
⎦
⎥
⎥
⎥
⎥
.
.
µ
RM
V
V
mV
RM
21 18
465
1 182
15
2
1
23 40
=
+
−
⎡
⎣
⎢
⎢
⎢
⎢
⎤
⎦
⎥
⎥
⎥
⎥
=
.
.
.
.
Low Voltage Operation
It is important to note that the voltage references internal
to the LTC1440 and LTC1442 can exceed the common
mode range of the comparators at low supply voltages.
The input common mode range of the LTC1440/LTC1441/
LTC1442 comparators is guaranteed to extend up to (V+ -
1.3V). Therefore, if one of the comparator inputs is at the
1.182V reference voltage, the minimum supply voltage is
2.5V for a valid output reading.
The guaranteed minimum operating voltage for the
LTC1440/LTC1441/LTC1442 is 2V (or
±1V). However,
both the reference and comparator(s) will function with a
supply voltage as low as 1.5V, but performance will
degrade as the voltage goes below 2V. The voltage refer-
ence temperature coefficient will degrade slightly, and the
comparators will have less output drive with an increase in
propagation delay. At the reduced supply voltages, the
input common mode range of the comparator(s) will still
typically extend from the negative supply to approximately
1.1V below the positive supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com