Electronic Components Datasheet Search
  English  ▼

X  

LTC1471 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1471
Description  Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1471 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1471 Datasheet HTML 3Page - Linear Technology LTC1471 Datasheet HTML 4Page - Linear Technology LTC1471 Datasheet HTML 5Page - Linear Technology LTC1471 Datasheet HTML 6Page - Linear Technology LTC1471 Datasheet HTML 7Page - Linear Technology LTC1471 Datasheet HTML 8Page - Linear Technology LTC1471 Datasheet HTML 9Page - Linear Technology LTC1471 Datasheet HTML 10Page - Linear Technology LTC1471 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1470/LTC1471
14701fa
Supply Bypassing
For best results bypass the supply input pins with 1
µF
capacitors as close as possible to the LTC1470. Some-
times much larger capacitors are already available at the
outputs of the 3.3V and 5V power supply. In this case it is
still good practice to use 0.1
µF capacitors as close as
possible to the device, especially if the power supply
output capacitors are more than 2" away on the printed
circuit board.
Output Capacitors and Pull-Down Resistor
The output pin is designed to ramp on slowly, typically
400
µs rise time. Therefore, capacitors as large as 150µF
can be driven without producing voltage spikes on the
3VIN or 5VIN supply pins (see graphs in Typical Perfor-
mance Characteristics section). The output pin should
have a 0.1
µF to 1µF capacitor for noise reduction and
smoothing.
A 10k pull-down resistor is recommended at the output to
ensure that the output capacitor is fully discharged when the
output is switched OFF. This resistor also ensures that the
output is discharged between the 3.3V and 5V transition.
Supply Sequencing
Because the 5V supply is the source of power for both of the
switch control circuits, it is best to sequence the power
supplies such that the 5V supply is powered before, or
simultaneous to, the application of 3.3V.
It is interesting to note, however, that the switches are NMOS
transistors which require charge pumps to generate gate
voltages higher than the supply rails for full enhancement.
Because the gate voltages start at 0V when the supplies are
first activated, the switches always start in the off state and
do not produce glitches at the outputs when powered.
If the 5V supply must be turned off, it is important to program
all switches to the Hi-Z or 0V state at least 100
µs before the
5V power is removed to ensure that the NMOS switch gates
are fully discharged to 0V. Whenever possible, however, it is
best to leave the 5VIN pin(s) continuously powered. The
LTC1470/LTC1471 quiescent current drops to <1
µA with all
the switches turned off and therefore no 5V power is
consumed in the standby mode.
APPLICATIONS INFORMATION
A_VCC_3
A_VCC_5
EN0
EN1
OUT
0
0
Hi-Z
0
1
3.3V
10
5V
1
1
Hi-Z
Truth Table for CL-PD6710 Controller
Interfacing with “365” Type Controllers
The LTC1470 also interfaces directly with “365” type
controllers as shown in Figure 2. Note that the VCC Enable
inputs are connected differently than to the CL-PD6710
controller because the “365” type controllers use active-
high logic control of the VCC switches (see the following
Switch Truth Table). No “glue” logic is required to inter-
face to this type of PCMCIA compatible controller.
LTC1470
EN0
EN1
3VIN
5VIN
3VIN
OUT
OUT
GND
+
3.3V
5V
0.1
µF
0.1
µF
1
µF
TANT
10k
(OFF/3.3V/5V)
TO CARD
VCC PINS
“365” TYPE
CONTROLLER
1470/71 F02
A_VCC_EN0
A_VCC_EN1
Figure 2. Direct Interface with “365” Type PCMCIA Controller
Truth Table for “365” Type Controller
A_VCC_EN0
A_VCC_EN1
EN0
EN1
OUT
0
0
Hi-Z
0
1
3.3V
10
5V
1
1
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com