Electronic Components Datasheet Search
  English  ▼

X  

LTC1471 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1471
Description  Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1471 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1471 Datasheet HTML 4Page - Linear Technology LTC1471 Datasheet HTML 5Page - Linear Technology LTC1471 Datasheet HTML 6Page - Linear Technology LTC1471 Datasheet HTML 7Page - Linear Technology LTC1471 Datasheet HTML 8Page - Linear Technology LTC1471 Datasheet HTML 9Page - Linear Technology LTC1471 Datasheet HTML 10Page - Linear Technology LTC1471 Datasheet HTML 11Page - Linear Technology LTC1471 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1470/LTC1471
14701fa
APPLICATIONS INFORMATION
winding is rectified by diode D2, added to the main 5V output
and applied to the input of the LT1313. (Note that the
auxiliary winding must be phased properly as shown in
Figure 3.)
When the 12V output is activated by a TTL high on either VPP
enable lines, the 5V section of the LTC1142HV is forced into
continuous mode operation. A resistor divider composed of
R2, R3 and switch Q3 forces an offset which is subtracted
from the internal offset at the Sense– input (pin 14) of the
LTC1142HV. When this external offset cancels the built-in
25mV offset, Burst Mode
TM operation is inhibited and the
LTC1142HV is forced into continuous mode operation. (See
LTC1142HV data sheet for further detail.) In this mode, the
15V auxiliary supply can be loaded without regard to the
loading on the 5V output of the LTC1142HV.
ContinuousmodeoperationisonlyinvokedwhentheLT1313
is programmed to 12V. If the LT1313 is programmed to 0V,
3.3V or 5V, power is obtained directly from the main power
source (battery pack) through diode D1. Again, the LT1313
output can be loaded without regard to the loading of the
main 5V output.
R4 and C4 absorb transient voltage spikes associated with
the leakage inductance inherent in T1’s secondary winding
and ensure that the auxiliary supply does not exceed 20V.
Auxiliary Power from the LTC1142 3.3V Output
For low-battery count applications (< 6.5V) it is necessary to
modify the circuit of Figure 3. As the input voltage falls, the
5V duty cycle increases to the point where there is simply not
enough time to transfer energy from the 5V primary winding
to the auxiliary winding. For applications where 12V load
currents exist in conjunction with these low input voltages,
use the circuit shown in Figure 4. In this circuit, the auxiliary
15V supply is generated from an overwinding on the 3.3V
inductor of the LTC1142 regulator output.
In Figure 3, power is drawn directly from the batteries
through D1 when the regulator is in Burst Mode operation
and the VPP pins require 3.3V or 5V. In this circuit, however,
Q3 and Q4 force the LTC1142 3.3V regulator into continuous
mode operation whenever 3.3V, 5V or 12V is programmed
at the VPPOUT pins of the LT1313. (See the LT1312 and
LT1313 data sheets for further detail.)
Figure 4. Deriving 15V from the 3.3V Output of the LTC1142 for VPP Power
Burst Mode is a trademark of Linear Technology Corporation.
24
23
6
1
28
R3
12k
AENVPP0
AENVPP1
C2
1000pF
C1
68
µF
C5
68
µF
C3
220
µF
D3
MBRS130T3
D2
MBRS1100
3.3V
OUTPUT
15V AUX
SUPPLY
T1*
15
µH
*CTX02-12753
COILTRONICS (407) 241-7876
R4
0.033
Ω
D4
18V
Q1
Q2
Q3
2N7002
Q4
2N7002
R1
100
Ω
3.37:1
VIN
5.4V TO 11V
R2
100
Ω
+
+
1470/71 F04
+
VIN
PDRIVE
NDRIVE
SENSE+
SENSE–
1/2 LTC1142
(3.3V REG)
BENVPP0
BENVPP1
HC86
HC86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com