Electronic Components Datasheet Search
  English  ▼

X  

KTC4527 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTC4527
Description  TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING, WIDE SOA)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4527 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTC4527 Datasheet HTML 1Page - KEC(Korea Electronics) KTC4527 Datasheet HTML 2Page - KEC(Korea Electronics) KTC4527 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2001. 4. 9
3/3
KTC4527
Revision No : 1
10
0.01
COLLECTOR EMITTER VOLTAGE V
(V)
CE
20
50 100
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
REVERSE BIAS SAFE OPERATING AREA
AMBIENT TEMPERATIURE Ta ( C)
I 2=-0.3A
B
Pc - Ta
200
500 1K 2K
5K 10K
0
10
050
100
150
200
20
30
40
50
60
25
75
125
175
Tc=Ta
INFINITE HEAT SINK



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com