Electronic Components Datasheet Search
  English  ▼

X  

KTC4527 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC4527
Description  TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING, WIDE SOA)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4527 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC4527 Datasheet HTML 1Page - KEC(Korea Electronics) KTC4527 Datasheet HTML 2Page - KEC(Korea Electronics) KTC4527 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2001. 4. 9
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTC4527
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 1
HIGH VOLTAGE AND HIGH RELIABILITY
HIGH SPEED SWITCHING, WIDE SOA
MAXIMUM RATING (Ta=25 )
DIM MILLIMETERS
1. BASE
2. COLLECTOR (HEAT SINK)
3. EMITTER
TO-220AB
10.30 MAX
15.30 MAX
0.80
Φ3.60 0.20
3.00
6.70 MAX
13.60 0.50
5.60 MAX
0.50
1.50 MAX
2.54
4.70 MAX
2.60
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
A
MM
123
L
C
K
J
P
D
1.37 MAX
1.50 MAX
R
S
C
T
Q1.50
R
9.50 0.20
S
8.00 0.20
T
2.90 MAX
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE (1) Classification R:15 30, O:20 40
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=800V, IE=0
-
-
10
A
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
10
A
Collector-Emitter Sustaning Voltage
VCEX(SUS)
IC=1.5A, IB1=-IB2=0.3A
L=2mH, Clamped
800
-
-
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=1.5A, IB=0.3A
-
-
2
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=1.5A, IB=0.3A
-
-
1.5
V
DC Current Gain
hFE (1) (Note) VCE=5V, IC=0.2A
15
-
40
hFE (2)
VCE=5V, IC=1A
8
-
-
Collector-Base Breakdown Voltage
BVCBO
IC=1mA, IE=0
1100
-
-
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=5mA, RBE=
800
-
-
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA, IC=0
7
-
-
V
Collector Output Capacitance
Cob
VCB=10V, f=1MHz, IE=0
-
60
-
pF
Transition Frequency
fT
VCE=10V, IC=0.2A
-
15
-
MHz
Switching
Time
Turn On Time
ton
IB1
200Ω
B1
I
CC
V
=400V
IB2
IB2
20
µS
I
=0.4A , I
=-0.8A
1%
B1
B2
OUTPUT
DUTY CYCLE
INPUT
<
=
-
-
0.5
S
Storage Time
tstg
-
-
3
Fall Time
tf
-
-
0.3
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
1100
V
Collector-Emitter Voltage
VCEO
800
V
Emitter-Base Voltage
VEBO
7
V
Collector Current
DC
IC
3
A
Pulse
ICP
10
Base Current
IB
1.5
A
Collector Power Dissipation
(Tc=25 )
PC
50
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150


Similar Part No. - KTC4527

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4527F KEC-KTC4527F Datasheet
86Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING, WIDE SOA)
KTC4527F KEC-KTC4527F Datasheet
20Kb / 1P
TO-220IS PACKAGE
KTC4527F KEC-KTC4527F_02 Datasheet
20Kb / 1P
TO-220IS PACKAGE
More results

Similar Description - KTC4527

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4526 KEC-KTC4526 Datasheet
82Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING, WIDE SOA)
KTC4527F KEC-KTC4527F Datasheet
86Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING, WIDE SOA)
MJE13003 KEC-MJE13003 Datasheet
381Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE AND HIGH SPEED SWITCHING)
logo
NEC
2SC3569 NEC-2SC3569 Datasheet
128Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING
2SC4346 NEC-2SC4346 Datasheet
112Kb / 5P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
2SC4942 NEC-2SC4942 Datasheet
115Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
2SC2335 NEC-2SC2335 Datasheet
114Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
KEC(Korea Electronics)
KTC3003HV KEC-KTC3003HV Datasheet
444Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR HIGH VOLTAGE AND HIGH SPEED SWITCHING APPLICATION
logo
Renesas Technology Corp
2SC4942 RENESAS-2SC4942_15 Datasheet
240Kb / 8P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
First Silicon Co., Ltd
FTC5027 FS-FTC5027 Datasheet
453Kb / 3P
HIGH VOLTAGE AND HIGH RELIABILITY HIGH SPEED SWITCHING, WIDE SOA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com