Electronic Components Datasheet Search
  English  ▼

X  

LTC1556 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1556
Description  SIM Power Supply and Level Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1556 Datasheet(HTML) 4 Page - Linear Technology

  LTC1556 Datasheet HTML 1Page - Linear Technology LTC1556 Datasheet HTML 2Page - Linear Technology LTC1556 Datasheet HTML 3Page - Linear Technology LTC1556 Datasheet HTML 4Page - Linear Technology LTC1556 Datasheet HTML 5Page - Linear Technology LTC1556 Datasheet HTML 6Page - Linear Technology LTC1556 Datasheet HTML 7Page - Linear Technology LTC1556 Datasheet HTML 8Page - Linear Technology LTC1556 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1555/LTC1556
TYPICAL PERFORMANCE CHARACTERISTICS
VIN INPUT VOLTAGE (V)
2
80
100
10
1555/56 G01
60
40
4
6
8
120
85
°C
25
°C
–40
°C
NO EXTERNAL LOAD
Operating Current
vs Input Voltage
VIN INPUT VOLTAGE (V)
2
5.0
5.1
10
1555/56 G03
4.9
4.8
4
6
8
5.2
IVCC = 10mA
M0 = DVCC
M1 = DVCC
COUT = 10µF
TA = 25°C
VIN INPUT VOLTAGE (V)
2
10
15
10
1555/56 G02
5
0
4
6
8
85
°C
–40
°C
20
25
°C
Shutdown Current
vs Input Voltage
VCC Output Voltage
vs Input Voltage (5V Mode)
VCC Output Voltage
vs Input Voltage (3V Mode)
VIN INPUT VOLTAGE (V)
2
3.0
3.1
10
1555/56 G04
2.9
2.8
4
6
8
3.2
IVCC = 10mA
M0 = DVCC
M1 = 0V
COUT = 10µF
TA = 25°C
1ms/DIV
1555/56 G05
VIN = 3V
SS = 0V
1ms/DIV
VIN = 3V
SS = DVCC
1555/56 G06
VCC Output Voltage Turn-On Time,
SS Enabled
VCC Output Voltage Turn-On Time,
SS Disabled
5V VCC Efficiency vs Input Voltage
VIN INPUT VOLTAGE (V)
2
100
80
60
40
20
10
1555/56 G08
4
6
8
12
VCC = 5V
IVCC = 10mA
TA = 25°C
3V VCC Efficiency vs Input Voltage
VIN INPUT VOLTAGE (V)
0
100
80
60
40
20
8
1555/56 G07
2
4
6
10
VCC = 3V
IVCC = 10mA
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com