Electronic Components Datasheet Search
  English  ▼

X  

LTC1556 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1556
Description  SIM Power Supply and Level Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1556 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1556 Datasheet HTML 2Page - Linear Technology LTC1556 Datasheet HTML 3Page - Linear Technology LTC1556 Datasheet HTML 4Page - Linear Technology LTC1556 Datasheet HTML 5Page - Linear Technology LTC1556 Datasheet HTML 6Page - Linear Technology LTC1556 Datasheet HTML 7Page - Linear Technology LTC1556 Datasheet HTML 8Page - Linear Technology LTC1556 Datasheet HTML 9Page - Linear Technology LTC1556 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1555/LTC1556
PIN FUNCTIONS
LTC1556 Only
EN (Pin 5): Auxiliary LDO/Power Switch Enable Pin. A
logic high on this pin from the controller will enable the
auxiliary LDO output. When the LDO is disabled, the LDO
output will float or be pulled to ground by the load. If left
floating, the EN pin will be pulled down to GND by an
internal 1
µA current source.
FB (Pin 6): Auxiliary LDO Feedback Pin. When FB is
connected to the LDO pin (Pin 17), the LDO output is
regulated to 4.3V (typ). If the FB pin is left open or tied to
BLOCK DIAGRAM
ground, the regulator acts as a
≤30ΩswitchbetweenVCC
and LDO.
LDO (Pin 17): LDO Output Pin. This pin should be tied to
the FB pin for 4.3V LDO operation. The 4.3V LDO output
is usable only when VCC is 5V (or greater). It is not
available when VCC = 3V. The LDO output may also be
used as a
≤30Ω power switch if the FB pin is grounded
or left floating. When used as a regulator, LDO must be
bypassed to GND with a
≥3.3µF capacitor. The LDO
output current will subtract from available VCC current.
1.23V
61k
153k
FB
EN
1555/56 BD
DDRV
OPTIONAL
1
µA
1
µA
LDO
I/O
FREQUENCY
SYNTHESIZER
POWER
LTC1555/LTC1556
LTC1556 ONLY
4.3V
DATA
20k
10k
CLK
CIN
RST
DVCC
SS
3V
RIN
GND
M0
M1
VIN
VBATT
CIN
10
µF
VCC
I/O
CLK
RST
GND
VCC
C1+
0.1
µF
C1–
GND
STEP-UP/
STEP-DOWN
CHARGE PUMP
DC/DC
CONVERTER
SIM
CONTROLLER
VCC
COUT
10
µF
CLDO
10
µF
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com