Electronic Components Datasheet Search
  English  ▼

X  

AN2869 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 30Page - STMicroelectronics AN2869 Datasheet HTML 31Page - STMicroelectronics AN2869 Datasheet HTML 32Page - STMicroelectronics AN2869 Datasheet HTML 33Page - STMicroelectronics AN2869 Datasheet HTML 34Page - STMicroelectronics AN2869 Datasheet HTML 35Page - STMicroelectronics AN2869 Datasheet HTML 36Page - STMicroelectronics AN2869 Datasheet HTML 37Page - STMicroelectronics AN2869 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Projected sensor design
AN2869
34/43
Doc ID 15298 Rev 6
4.1.1
Diamond type sensor
In this “diamond type” implementation, the Tx and Rx electrodes form a diamond shape
where the two electrodes are on the same layer, using a bridge (see Figure 28).
Note:
This symmetrical implementation allows swapping Rx & Tx.
Figure 28.
Diamond implementation
L
L
T
R
Gnd
Gnd
Rx
Rx
Tx
Tx
0
0
Cl
L
L
Tx (bottom layer)
Rx (Top layer)
Gnd
Gnd
Rx
Rx
Tx
Tx
0.2 to 0.5 mm
0.2 to 0.5 mm
Clearance Tx to GND = 1 mm
MS18984V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com