Electronic Components Datasheet Search
  English  ▼

X  

AN2869 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 32Page - STMicroelectronics AN2869 Datasheet HTML 33Page - STMicroelectronics AN2869 Datasheet HTML 34Page - STMicroelectronics AN2869 Datasheet HTML 35Page - STMicroelectronics AN2869 Datasheet HTML 36Page - STMicroelectronics AN2869 Datasheet HTML 37Page - STMicroelectronics AN2869 Datasheet HTML 38Page - STMicroelectronics AN2869 Datasheet HTML 39Page - STMicroelectronics AN2869 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Projected sensor design
AN2869
36/43
Doc ID 15298 Rev 6
4.1.3
H type sensor two layers
In this implementation, the Tx electrode forms an H, and the Rx electrode is a wire which
lies on the Tx square. There is an isolating material between them, and Tx square electrode
is hollow under the Rx electrode (see Figure 30). Obviously, this kind of touchkey is made of
two layers.
Figure 30.
Two-layer implementation
4.2
Linear sensor
An example of a linear sensor with five parcels is described in Figure 31. This kind of linear
touch sensor is fine when each parcel is about 6 mm to 10 mm and it could have N parcels.
So, for an overall length L, you can calculate the parcel number: N = L / parcel size (adjust
the parcel size to obtain N as an integer).
d
1/4L
1/4L
1/4L
1/4L
1/4L
1/2L
1/4L
1/8L
L
Rx
Tx
panel
PCB
0.2 to 0.5 mm
H sensor (cross section)
bottom
MS18986V2
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com