Electronic Components Datasheet Search
  English  ▼

X  

AN2957 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2957
Description  Implementing an RC5 infrared transmitter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2957 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2957 Datasheet HTML 7Page - STMicroelectronics AN2957 Datasheet HTML 8Page - STMicroelectronics AN2957 Datasheet HTML 9Page - STMicroelectronics AN2957 Datasheet HTML 10Page - STMicroelectronics AN2957 Datasheet HTML 11Page - STMicroelectronics AN2957 Datasheet HTML 12Page - STMicroelectronics AN2957 Datasheet HTML 13Page - STMicroelectronics AN2957 Datasheet HTML 14Page - STMicroelectronics AN2957 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AN2957
RC5 coding scheme
Doc ID 15550 Rev 2
11/21
2.6
RC5 carrier frequency
The RC5 carrier frequency is 36 kHz. To minimize the power consumption, the duty cycle
used for a pulse is fixed at 25%, so the width of a pulse is 6.94 µs.
Figure 8.
RC5 carrier frequency description
1
10
0
6.94 μs
20.82 μs
Carrier frequency
Frequency = 36 kHz
Duty Cycle = 25%
Main Signal to send:
Manchester coded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com