Electronic Components Datasheet Search
  English  ▼

X  

AN2957 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2957
Description  Implementing an RC5 infrared transmitter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2957 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2957 Datasheet HTML 8Page - STMicroelectronics AN2957 Datasheet HTML 9Page - STMicroelectronics AN2957 Datasheet HTML 10Page - STMicroelectronics AN2957 Datasheet HTML 11Page - STMicroelectronics AN2957 Datasheet HTML 12Page - STMicroelectronics AN2957 Datasheet HTML 13Page - STMicroelectronics AN2957 Datasheet HTML 14Page - STMicroelectronics AN2957 Datasheet HTML 15Page - STMicroelectronics AN2957 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Software description
AN2957
12/21
Doc ID 15550 Rev 2
3
Software description
3.1
Introduction
The software provided with this application note enables the user to send all RC5
instructions to all RC5 receiver devices. It contains an RC5 driver with functions and
software flags.
The software is designed to avoid frame collisions; an idle time is inserted between two
frames with a specific width (50 bits).
The application uses 5 peripherals:
●
IRTIM: (IR interface with timers) generates the IR signal using TIM2 and TIM3
●
TIM2: (Timer2) provides the Carrier signal with a frequency of 36 kHz
●
TIM3: (Timer3) provides the main signal to be sent (RC5 Frame)
●
GPIO: (General purpose I/O) provides the I/O to be connected to the buttons of the the
remote control
●
CLK: (Clock controller) enables the clocks and provides the correct clock frequency for
the timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com