Electronic Components Datasheet Search
  English  ▼

X  

AN3126 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3126
Description  Audio and waveform generation using the DAC in STM32 microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3126 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3126 Datasheet HTML 7Page - STMicroelectronics AN3126 Datasheet HTML 8Page - STMicroelectronics AN3126 Datasheet HTML 9Page - STMicroelectronics AN3126 Datasheet HTML 10Page - STMicroelectronics AN3126 Datasheet HTML 11Page - STMicroelectronics AN3126 Datasheet HTML 12Page - STMicroelectronics AN3126 Datasheet HTML 13Page - STMicroelectronics AN3126 Datasheet HTML 14Page - STMicroelectronics AN3126 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Doc ID16895 Rev 2
11/24
AN3126
DAC main features
23
Figure 7. Noise waveform with changeable offset
1.7.2
Typical applications
The STM32 microcontrollers come with 12-bit enhanced ADC with a sampling rate of up to
1 M samples/s. In most applications, this resolution is sufficient, but in some cases where
higher accuracy is required, the concept of oversampling and decimating the input signal
can be implemented to save the use of an external ADC solution and to reduce the
application power consumption.
More details about these methods are explained in the application note AN2668, in the
section titled “Oversampling using white noise”.
White noise generator can be also used in the production of electronic music, usually either
directly or as an input for a filter to create other types of noise signal. It is used extensively in
audio synthesis, typically to recreate percussive instruments such as cymbals which have
high noise content in their frequency domain.
White noise generator can be used for control engineering purposes, it can be used for
frequency response testing of amplifiers and electronic filters.
White noise is a common synthetic noise source used for sound masking by a Tinnitus
masker.
1.8
Triangular wave generator
1.8.1
Definition
The STM32 DAC provides the user with a triangular waveform generator with a flexible
offset, amplitude and frequency.
Theoretically, a triangular waveform is a wave form comprised of an infinite set of odd
harmonic sine waves (see Figure 9).
The amplitude of the triangular waveform can be fixed using the MAMPx bits in the
DAC_CR register.
ai18306
Noise waveform
Pattern waveform (offset)
Result waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com