Electronic Components Datasheet Search
  English  ▼

X  

AN3126 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3126
Description  Audio and waveform generation using the DAC in STM32 microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3126 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3126 Datasheet HTML 10Page - STMicroelectronics AN3126 Datasheet HTML 11Page - STMicroelectronics AN3126 Datasheet HTML 12Page - STMicroelectronics AN3126 Datasheet HTML 13Page - STMicroelectronics AN3126 Datasheet HTML 14Page - STMicroelectronics AN3126 Datasheet HTML 15Page - STMicroelectronics AN3126 Datasheet HTML 16Page - STMicroelectronics AN3126 Datasheet HTML 17Page - STMicroelectronics AN3126 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DAC main features
AN3126
14/24
Doc ID16895 Rev 2
Figure 11. Buffered channel voltage (with and without load)
ai18310
DAC
DAC_Channel_1
DOR = 0xFFF
DAC
DAC_Channel_1
DOR = 0xFFF
3.3V
R = 5.1K
GND
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com