Electronic Components Datasheet Search
  English  ▼

X  

AN3154 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3154
Description  CAN protocol used in the STM32 bootloader
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3154 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3154 Datasheet HTML 14Page - STMicroelectronics AN3154 Datasheet HTML 15Page - STMicroelectronics AN3154 Datasheet HTML 16Page - STMicroelectronics AN3154 Datasheet HTML 17Page - STMicroelectronics AN3154 Datasheet HTML 18Page - STMicroelectronics AN3154 Datasheet HTML 19Page - STMicroelectronics AN3154 Datasheet HTML 20Page - STMicroelectronics AN3154 Datasheet HTML 21Page - STMicroelectronics AN3154 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Bootloader command set
AN3154
18/34
DocID017063 Rev 5
Figure 13. Read memory command: device side
The STM32 sends messages as follows:
ACK message: Std ID = 0x11, DLC = 1, data[0] = ACK if content of the command is correct
else data[0] = NACK
Data message (N+1) / 8: Std ID = 0x11, DLC = Number of Byte, data[0] = 0xXX...
data[Number of Byte - 1] = 0xYY
ACK message: Std ID = 0x11, DLC = 1, data[0] = ACK
3.6
Go command
The Go command is used to execute the downloaded code or any other code by branching
to an address specified by the application. When the bootloader receives the Go command,
it starts if the message contains the following valid information:
•
ID of the command is correct or not
•
ReadOutProtection is disabled or enabled
•
Branch destination address is valid or not(data[0] is the address MSB and data[3] 4 is
LSB
If the message content is correct it transmits an ACK message otherwise it transmits a
NACK message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34