Electronic Components Datasheet Search
  English  ▼

X  

AN3163 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3163
Description  Configuring your ISO 15693 reader
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3163 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3163 Datasheet HTML 3Page - STMicroelectronics AN3163 Datasheet HTML 4Page - STMicroelectronics AN3163 Datasheet HTML 5Page - STMicroelectronics AN3163 Datasheet HTML 6Page - STMicroelectronics AN3163 Datasheet HTML 7Page - STMicroelectronics AN3163 Datasheet HTML 8Page - STMicroelectronics AN3163 Datasheet HTML 9Page - STMicroelectronics AN3163 Datasheet HTML 10Page - STMicroelectronics AN3163 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AN3163
Configuring your M24LRxx and managing user’s access rights
Doc ID 17157 Rev 2
7/13
2
Configuring your M24LRxx and managing user’s
access rights
The M24LRxx can be customized by using optional commands:
Write AFI, Lock AFI, Write DSFID, Lock DSFID.
The M24LRxx provides useful security features that manage the memory access rights per
sector: Write-sector Password, Lock-sector Password, Present-sector Password, Get
Multiple Block Security Status.
●
For the Lock-sector Password command, the Protocol_extension_flag (bit 4) in the
Request_flag must be set to ‘1’ and “Sector number” must be coded on two bytes
(16 bits).
●
For the Get Multiple Block Security Status command, the Protocol_extension_flag
(bit 4) in the Request_flag must be set to ‘1’, “First block number” and “Number of
blocks” must be coded on two bytes (16 bits).
Figure 2 shows an example of data received by an ISO 15693 RF reader from an
M24LRxx tag.
Table 8.
Lock-sector Password request format
Request
SOF
Request
_flags
Lock-
sector
Password
IC
Mfg
code
UID(1)
1.
Gray means that the field is optional.
Sector
number
Sector
security
status
CRC16
Request
EOF
8 bits
B2h
02h
64 bits
16 bits
8 bits
16 bits
Table 9.
Get Multiple Block Security Status request format
Request
SOF
Request
_flags
Get
Multiple
Block
Security
Status
UID(1)
1.
Gray means that the field is optional.
First
block
number
Number
of blocks
CRC16
Request
EOF
8 bits
2Ch
64 bits
16 bits
16 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com