Electronic Components Datasheet Search
  English  ▼

X  

AN3163 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3163
Description  Configuring your ISO 15693 reader
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3163 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3163 Datasheet HTML 1Page - STMicroelectronics AN3163 Datasheet HTML 2Page - STMicroelectronics AN3163 Datasheet HTML 3Page - STMicroelectronics AN3163 Datasheet HTML 4Page - STMicroelectronics AN3163 Datasheet HTML 5Page - STMicroelectronics AN3163 Datasheet HTML 6Page - STMicroelectronics AN3163 Datasheet HTML 7Page - STMicroelectronics AN3163 Datasheet HTML 8Page - STMicroelectronics AN3163 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Accessing the M24LRxx memory
AN3163
4/13
Doc ID 17157 Rev 2
1
Accessing the M24LRxx memory
Access to the memory contents of the M24LRxx dual-interface memory is a three-step
process:
1.
Inventory of the tags present in the reader field:
This is performed by ISO 15693 RF readers, by using the standard Inventory
command or, if the population is already known, by issuing a product-dedicated
command like Initiate, Inventory Initiated, Fast Initiate or Fast Inventory Initiated. These
commands are all available with the M24LRxx.
At this step, ISO 15693 RF readers knows all tags present in its RF field.
The unique identifier (UID) specifies the chip provider, and the data storage format
identifier (DSFID) indicates the data storage organization.
Your ISO 15693 RF reader is now ready to manage the tag population by using the
mandatory or optional commands (Select, Stay Quiet, Reset to Ready) to access a
single tag (M24LRxx).
2.
Recognition of the chip and its data structure:
Once the tag has been isolated, the ISO 15693 RF reader can access it and get an
overview of the device capability by using the Get System Info command.
The “memory size” of the M24LRxx needs to be coded on 3 bytes. To tell the
ISO 15693 RF reader that it will receive one more byte than usual, the Get System Info
command requests the setting of the Protocol_Extension _flag (bit 4) to ‘1’ in the
Request_flag byte preceding the command code. (See Table 5: Definition of request
flags when the Inventory_flag is NOT set.)
An ISO 15693 RF reader looking for M24LRxx devices has to issue the Get System
Info command with the Protocol_Extension _flag at ‘1’ to receive a valid response. (The
reader can also alternate the value of the Protocol_Extension_flag, to detect other
devices.)
Table 2.
Inventory request format
Request
SOF
Request_flags Inventory
Optional
AFI
Mask
length
Mask
value
CRC16
Request
EOF
8 bits
01h
8 bits
8 bits
0 - 64 bits
16 bits
Table 3.
Get System Info request format
Request
SOF
Request
_flags(1)
1.
See Table 5: Definition of request flags when the Inventory_flag is NOT set.
Get System
Info
UID(2)
2.
Gray means that the field is optional.
CRC16
Request
EOF
8 bits
2Bh
64 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com