Electronic Components Datasheet Search
  English  ▼

X  

AN3193 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3193
Description  STM32L1xx ultralow power features overview
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3193 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3193 Datasheet HTML 2Page - STMicroelectronics AN3193 Datasheet HTML 3Page - STMicroelectronics AN3193 Datasheet HTML 4Page - STMicroelectronics AN3193 Datasheet HTML 5Page - STMicroelectronics AN3193 Datasheet HTML 6Page - STMicroelectronics AN3193 Datasheet HTML 7Page - STMicroelectronics AN3193 Datasheet HTML 8Page - STMicroelectronics AN3193 Datasheet HTML 9Page - STMicroelectronics AN3193 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Numerous low power modes
AN3193
6/13
DocID17369 Rev 2
3
Numerous low power modes
At a higher architectural level, the power consumption of the STM32L1 can be modulated by
entering one of seven low power modes. The power consumption can be reduced by
progressively disabling the frequency-independent current sources (the clock sources, the
non-volatile memory and the regulator) up to the point where most of the chip is powered
down. The following table summarizes the features available for each mode and provides
an indication of the current consumption.
Table 1. STM32L1xx low power mode overview
Two new modes have been implemented on the STM32L1xx in addition to the STM32F
modes: the Low power run and Low power sleep modes. They offer Run and Sleep mode
functionality for applications with extremely low current consumption where some
peripherals cannot be switched off (for instance communication peripherals or timers), or
where the CPU is processing continuously at low speed to minimize current variations.
Several functional blocks can be used to reach a very low current:
The voltage regulator is in low power (LP) mode to reduce its quiescent current
Non-volatile memory can be switched off, processing being done on the 16-Kbyte RAM
The master clock source comes from the MSI internal RC oscillator, which can be
reduced down to 1.5 µA.
The maximum current that the regulator can deliver in LP mode only limits the operating
frequency and the number of peripherals that can be activated.
Low power
mode
Consumption
CPU
Flash
/ EEPROM
RAM
DMA &
Periph.
Clock
LCD RTC
Sleep
100 µA/MHz (Range 1)
No
ON
ON
Active
Any
Available
82 µA / MHz (Range 2)
65 µA/MHz (Range 3)
Low power
run
10.4 µA
(Flash OFF, 32 kHz)
Yes ON or OFF
ON
Active
MSI
Available
Low power
sleep
5.1 µA
(periph. OFF)
No
OFF
ON
Active
MSI
Available
6.1 µA
(1 timer ON)
Stop
with RTC
1.3 µA (1.8 V)
No
OFF
ON
Frozen
LSE,
LSI
Available
1.6 µA (3 V)
Stop
500 nA
No
OFF
ON
Frozen
LSE,
LSI
OFF OFF
Standby
with RTC
1.3 µA (3 V)
OFF
OFF
OFF
OFF
LSE,
LSI
OFF
ON
1 µA (1.8 V)
Standby
270 nA
OFF
OFF
OFF
OFF
LSE,
LSI
OFF OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com