Electronic Components Datasheet Search
  English  ▼

X  

AN3193 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3193
Description  STM32L1xx ultralow power features overview
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3193 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3193 Datasheet HTML 4Page - STMicroelectronics AN3193 Datasheet HTML 5Page - STMicroelectronics AN3193 Datasheet HTML 6Page - STMicroelectronics AN3193 Datasheet HTML 7Page - STMicroelectronics AN3193 Datasheet HTML 8Page - STMicroelectronics AN3193 Datasheet HTML 9Page - STMicroelectronics AN3193 Datasheet HTML 10Page - STMicroelectronics AN3193 Datasheet HTML 11Page - STMicroelectronics AN3193 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
A versatile clock management
AN3193
8/13
DocID17369 Rev 2
5
A versatile clock management
A reset and clock controller (RCC) peripheral manages the five possible clock sources of
the STM32L1.
Two external oscillators can be used for applications requiring a high precision:
The HSE clock (4-24 MHz high speed external clock), typically used to feed the PLL
and to generate a CPU clock frequency of up to 32 MHz and a 48-MHz frequency for
the USB controller.
The LSE (typically 32.768 kHz low speed external clock) usually used to provide a low
power clock source to the real time clock but which can also be used as LCD clock.
Three internal oscillators can be selected for various tasks:
The LSI clock (37 kHz low speed internal clock) is a low accuracy ultralow power
source that can feed the real time clock (with a limited accuracy), the LCD controller
and the independent watchdog.
The HSI clock (16 MHz high speed internal clock) is a high speed voltage-
compensated oscillator.
The MSI clock (64 kHz to 4 MHz multi speed internal clock) is a medium accuracy
oscillator with adjustable frequency and low current consumption. It is designed to
operate with a current proportional to the frequency, so as to minimize the internal
oscillator consumption overhead for the low CPU frequencies. The following table
summarizes the characteristics and uses of the various oscillators.
Table 2. STM32L1xx clock source characteristics (preliminary data(1))
Clock
source
Use
Frequency
Consumption
(typical)
Accuracy
Factory
trimming
User
trimmable
HSE
Master clock
(+ RTC & LCD)
1-24 MHz
0.5 to 0.7 mA
Crystal dependent,
down to tens of ppm
Not applicable
LSE
RTC and LCD
32.768 kHz
(typical)
0.45 µA (1.8 V)
0.6 µA (3 V)
Crystal dependent,
down to a few ppm
HSI
Master clock
16 MHz
100 µA
1% typical(2)
Yes(2)
Yes
MSI
Master clock
64 kHz
128 kHz
256 kHz
512 kHz
1.02 MHz
2.1 MHz
4.1 MHz
0.6 µA
0.9 µA
1.4 µA
2.2 µA
4 µA
7 µA
12 µA
0.5% typical
Yes
Yes
LSI
RTC, LCD &
ind. WDG
38 kHz
0.4 µA (3 V)
-30% to +50%(3)
No
No, but fLSI can
be measured
1. Based on preliminary characterization or design simulations. See product datasheet for detailed electrical characteristics
2. On the Value Line family (STM32L100xx devices) the HSI oscillator is not trimmed, therefore please refer to device
datasheet for the correct accuracy.
3. -10% to +4% drift after initial measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com