Electronic Components Datasheet Search
  English  ▼

X  

LT1394 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1394
Description  7ns, Low Power, Single Supply, Ground-Sensing Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1394 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1394 Datasheet HTML 6Page - Linear Technology LT1394 Datasheet HTML 7Page - Linear Technology LT1394 Datasheet HTML 8Page - Linear Technology LT1394 Datasheet HTML 9Page - Linear Technology LT1394 Datasheet HTML 10Page - Linear Technology LT1394 Datasheet HTML 11Page - Linear Technology LT1394 Datasheet HTML 12Page - Linear Technology LT1394 Datasheet HTML 13Page - Linear Technology LT1394 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1394
TEMPERATURE (
°C)
0
0
–10
–20
–30
–40
–50
–60
–70
30
50
1394 F06
10
20
40
60
70
COMPENSATED
≈ 0.05ppm/°C
UNCOMPENSATED
(VARACTOR CORRECTION
DISABLED) –1ppm/
°C
Figure 6. Figure 5’s Compensated vs Uncompensated
Temperature Dependence. First Order Compensation
Reduces Oscillator Drift to 0.05ppm/
°C
A2
1/2 LT1126
–
+
5V
5V
200pF
OUTPUT
1394 F07
+INPUT
–INPUT
–5V
–5V
1
µF
1
µF
200pF
2k
1k
1k
2k
10k
10k
200
Ω
A1
LM733
A = 100
LT1394
A3
1/2 LT1126
–
+
Figure 7. Parallel Preamplified Paths Allow 18ns Comparator
Response to 500
µV Overdrive
APPLICATIONS INFORMATION
Figure 5. Temperature-Compensated 10MHz Crystal Oscillator.
Temperature-Dependent Varactor Bias Reduces Drift by 20:1
1394 F05
–
+
LT1394
A1
LT1077
50k
5V
10M
390
Ω
0.01
µF
1
µF
0.068
µF
10mV/
°C
10MHz
0.05ppm/
°C
XTAL AT-CUT, 35
° 25′ ANGLE
* 1% FILM RESISTOR
LM134
5V
FREQ SET
LT1004-1.2
BAT-85
10MHz
1M*
1M*
5.8M*
MV-209
VARACTOR
DIODE
2M
2k
0.01
µF
1
µF
2M
2k
4.7k
100k
1M
470k*
10k*
226
Ω*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com