Electronic Components Datasheet Search
  English  ▼

X  

LT1394 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1394
Description  7ns, Low Power, Single Supply, Ground-Sensing Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1394 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1394 Datasheet HTML 8Page - Linear Technology LT1394 Datasheet HTML 9Page - Linear Technology LT1394 Datasheet HTML 10Page - Linear Technology LT1394 Datasheet HTML 11Page - Linear Technology LT1394 Datasheet HTML 12Page - Linear Technology LT1394 Datasheet HTML 13Page - Linear Technology LT1394 Datasheet HTML 14Page - Linear Technology LT1394 Datasheet HTML 15Page - Linear Technology LT1394 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1394
1394f LT/TP 0499 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATION
Voltage-Controlled Crystal Oscillator (VCXO)
Figure 20, a variant of the basic crystal oscillator, permits
voltage tuning the output frequency. Such voltage-con-
trolled crystal oscillators (VCXO) are often employed
where slight variation of a stable carrier is required. This
example is specifically intended to provide a 4
× NTSC
sub-carrier tunable oscillator suitable for phase locking.
The LT1394 is set up as a crystal oscillator, operating
similarly to Figure 3 (a). The varactor diode is biased from
the tuning input. The tuning network is arranged so a 0V
to 5V drive provides a reasonably symmetric, broad tuning
range around the 14.31818MHz center frequency. The
indicated selected capacitor sets tuning bandwidth. It
should be picked to complement loop response in phase
locking applications. Figure 21 is a plot of tuning input
voltage versus frequency deviation. Tuning deviation from
the 4
× NTSC 14.31818MHz center frequency exceeds
±240ppm for a 0V to 5V input.
PART NUMBER
DESCRIPTION
COMMENTS
LT1016
UltraFast Precision Comparator
Industry Standard 10ns Comparator
LT1116
12ns Single Supply Ground-Sensing Comparator
Single Supply Version of LT1016
LT1671
Fast Single Supply Comparator
60ns, 450
µA Single Supply Comparator
LT1720
UltraFast Dual Single Supply Comparator
Dual 4.5ns, 4mA Single Supply Comparator
RELATED PARTS
Figure 21. Control Voltage vs Output Frequency for Figure 15.
Tuning Deviation from Center Frequency Exceeds
±240ppm
INPUT VOLTAGE (V)
0
2
4
5
9
8
7
6
5
4
3
2
1
0
1394 F21
13
14.314.0MHz
14.31818MHz
14.3217MHz
Figure 20. A 4
× NTSC Sub-Carrier Voltage-Tunable Crystal Oscillator. Tuning Range
and Bandwidth Accommodate Variety of Phase Locked Loops
1394 F20
–
+
LT1394
5V
390
Ω
200pF
* 1% FILM RESISTOR
** NORTHERN ENGINEERING LABS C-2350N-14.31818MHz
*** C SELECT SETS TUNING BANDWIDTH. SET TO COMPLEMENT
LOOP RESPONSE IN PHASE LOCKING APPLICATIONS
† VARACTOR DIODE
5V
FREQUENCY
OUTPUT
3.9k*
VIN
0V TO 5V
1M
MV-209†
2k
2k
100pF
15pF
Y1**
100pF
C SELECT***
0.047
µF
1M
1M
1M*
1N4148
LT1004-2.5
47k*
1k*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com