Electronic Components Datasheet Search
  English  ▼

X  

LT1783 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1783
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1783 Datasheet HTML 5Page - Linear Technology LT1783 Datasheet HTML 6Page - Linear Technology LT1783 Datasheet HTML 7Page - Linear Technology LT1783 Datasheet HTML 8Page - Linear Technology LT1783 Datasheet HTML 9Page - Linear Technology LT1783 Datasheet HTML 10Page - Linear Technology LT1783 Datasheet HTML 11Page - Linear Technology LT1783 Datasheet HTML 12Page - Linear Technology LT1783 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1783
9
1783fd
TYPICAL PERFORMANCE CHARACTERISTICS
Gain Bandwidth Product and
Phase Margin vs Supply Voltage
Gain Bandwidth and Phase
Margin vs Load Resistance
PSRR vs Frequency
CMRR vs Frequency
Output Impedance vs Frequency
Disabled Output Impedance
vs Frequency (Note 8)
Settling Time to 0.1%
vs Output Step
Capacitive Load Handling
Overshoot vs Capacitive Load
TOTAL SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
1783 G15
1300
1250
1200
65
60
55
AV = –1
RF = RG = 10k
f = 5kHz
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
LOAD RESISTANCE (Ω)
1k
1400
1200
1000
800
65
60
55
10k
100k
1783 G16
VS = 2.5V
AV = –1
RF = RG = 10k
f = 5kHz
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
FREQUENCY (Hz)
1k
90
80
70
60
50
40
30
20
10
0
–10
10k
100k
1M
1783 G17
VS = ±2.5V
POSITIVE SUPPLY
NEGATIVE SUPPLY
FREQUENCY (Hz)
10k
110
100
90
80
70
60
50
40
30
100k
1M
1783 G18
VS = ±2.5V
FREQUENCY (Hz)
100
0.01
100
10k
1k
100k
1M
1783 G19
10
1
0.1
AV = 100
VS = ±2.5V
AV = 10
AV = 1
FREQUENCY (Hz)
100
100
10k
1M
1k
10k
100k
1M
1783 G20
1k
100k
VS = ±2.5V
VPIN5 (SHUTDOWN) = 2.5V
SETTLING TIME (μs)
0
2
4
6
8
10 12 14 16 18 20
1783 G21
4
3
2
1
0
–1
–2
–3
–4
AV = 1
VS = ±5V
AV = –1
AV = 1
AV = –1
CAPACITIVE LOAD (pF)
10
40
35
30
25
20
15
10
5
0
100
1000
10000
1783 G22
VS = 5V, 0V
VCM = 2.5V
AV = 1
AV = 5
AV = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com