Electronic Components Datasheet Search
  English  ▼

X  

LT1783 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1783
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1783 Datasheet HTML 2Page - Linear Technology LT1783 Datasheet HTML 3Page - Linear Technology LT1783 Datasheet HTML 4Page - Linear Technology LT1783 Datasheet HTML 5Page - Linear Technology LT1783 Datasheet HTML 6Page - Linear Technology LT1783 Datasheet HTML 7Page - Linear Technology LT1783 Datasheet HTML 8Page - Linear Technology LT1783 Datasheet HTML 9Page - Linear Technology LT1783 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1783
6
1783fd
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range of –40°C ≤ TA ≤ 125°C. VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = half supply, for the 6-lead part VPIN5 = 0V, pulse power
tested unless otherwise specified. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
LT1783H
UNITS
MIN
TYP
MAX
Minimum Supply Voltage
l
2.7
V
Reverse Supply Voltage
IS = –100μA
l
18
V
IS
Supply Current
l
210
300
600
μA
μA
Supply Current, SHDN
VPIN5 = 2V, No Load (Note 10)
l
25
μA
ISHDN
Shutdown Pin Current
VPIN5 = 0.3V, No Load (Note 10)
VPIN5 = 2V, No Load (Note 10)
l
l
0.5
12
nA
μA
Output Leakage Current
VPIN5 = 2V, No Load (Note 10)
l
2.5
μA
Maximum Shutdown Pin Current
VPIN5 = 18V, No Load (Note 10)
l
40
μA
GBW
Gain Bandwidth Product
f = 5kHz (Note 5)
l
750
400
1250
kHz
kHz
SR
Slew Rate
AV = –1, RL = ∞ (Note 7)
l
0.24
0.12
0.42
V/μs
V/μs
The
l denotes the specifications which apply over the full operating temperature range of –40°C ≤ TA ≤ 125°C. VS = ±5V, VCM = 0V,
VOUT = 0V, VSHDN = V–, TA = –40°C to 125°C, for the 6-lead part VPIN5 = V–, pulse power tested unless otherwise specified. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
LT1783H
UNITS
MIN
TYP
MAX
VOS
Input Offset Voltage
l
500
950
3.1
μV
mV
Input Offset Voltage Drift (Note 9)
l
15
μV/°C
IOS
Input Offset Current
l
15
nA
IB
Input Bias Current
l
150
nA
CMRR
Common Mode Rejection Ratio
VCM = –4.7V to 13V
l
60
dB
AVOL
Large-Signal Voltage Gain
VO = ±4V, RL = 10k
l
70
10
160
V/mV
V/mV
VO
Output Voltage Swing
No Load
IOUT = ±5mA
IOUT = ±10mA
l
l
l
±4.85
±4.20
±3.80
V
V
V
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±9V
l
80
dB
Minimum Supply Voltage
l
±1.35
V
IS
Supply Current
l
230
325
650
μA
μA
Supply Current, SHDN
VPIN5 = –3V, VS = ±5V, No Load (Note 10)
l
25
μA
ISHDN
Shutdown Pin Current
VPIN5 = –4.7V, VS = ±5V, No Load (Note 10)
VPIN5 = –3V, VS = ±5V, No Load (Note 10)
l
l
0.5
12
nA
μA
Maximum Shutdown Pin Current
VPIN5 = 9V, VS = ±9V (Note 10)
l
45
μA
Output Leakage Current
VPIN5 = –7V, VS = ±9V, No Load
l
3μA
VL
Shutdown Pin Input Low Voltage
VS = ±5V
l
–4.7
V
VH
Shutdown Pin Input High Voltage
VS = ±5V
l
–2.8
V
GBW
Gain Bandwidth Product
f = 5kHz
l
800
425
1300
kHz
kHz
SR
Slew Rate
AV = –1, RL = ∞, VO = 4V
Measured at VO = ±2V
l
0.26
0.14
0.45
V/μs
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com