Electronic Components Datasheet Search
  English  ▼

X  

LT1942 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1942
Description  Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1942 Datasheet(HTML) 1 Page - Linear Technology

  LT1942 Datasheet HTML 1Page - Linear Technology LT1942 Datasheet HTML 2Page - Linear Technology LT1942 Datasheet HTML 3Page - Linear Technology LT1942 Datasheet HTML 4Page - Linear Technology LT1942 Datasheet HTML 5Page - Linear Technology LT1942 Datasheet HTML 6Page - Linear Technology LT1942 Datasheet HTML 7Page - Linear Technology LT1942 Datasheet HTML 8Page - Linear Technology LT1942 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1942
1
1942fb
The LT
®1942 is a highly integrated quad switching regu-
lator designed to provide all necessary power supply
functions for TFT displays, including the white LED
backlight driver. The TFT supply incorporates two boost
and one inverting DC/DC converters. The TFT supply
output voltages are independently set, unlike charge
pump solutions which have many limitations. Power
sequencing for the TFT supply is built into the part and is
user programmable.
The LED driver is a boost DC/DC converter that can be
independently controlled. The LED driver has built-in
dimming control for precise control of LED current. An 8:1
dimming range is achieved by adjusting the CTRL4 volt-
age. The user can elect to drive a single string or two
strings of LEDs. An LED ballast circuit is included to
precisely match the LED currents if two strings of LEDs are
used. Soft-start is built into the LED driver as well as the
primary TFT supply.
The LT1942 is available in a low profile (0.75mm) 24-lead
QFN (4mm
× 4mm) package.
■ Triple Output TFT Supply with Built-In
Power Sequencing
■ Integrated White LED Backlight Driver
■ Integrated Schottky Diodes
■ Active Ballast Circuitry Ensures Precise Current
Matching in White LEDs
■ Low Noise 1MHz Fixed Frequency Operation
■ 2.6V to 16V Input Voltage Range
■ Soft-Start Limits Inrush Current
■ TFT Supply Output Voltages Independently Set
(Not Charge Pump Derived)
■ Power Good and Output Disconnect for TFT Supply
■ Built-In LED Dimming Capability
■ Open LED Protection for LED Driver
■ 24-Lead QFN Package (4mm
× 4mm)
Quad DC/DC Converter
for Triple Output TFT Supply
Plus LED Driver
■ Poly-Silicon TFT Displays
■ Amorphous Silicon TFT Displays
CTRL4
SGND/
AGND
D3
SW3
LT1942
SW1
FB1
PGND14
PGOOD
SW4
D4
LED1
LED2
FB4
FB3
PGND23
VOUT3
NFB2
D2
SW2
0.1
µF
0.22
µF
47
µH
VIN
47
µH
SHDN
VCC
SS1
SS4
CT
22
µH
22
µH
CMDSH-3
Si2301BDS
33
µH
301k
1M
100k
VIN
4.7pF
0.1
µF
0.1
µF
0.1
µF
1942 TA01
0.22
µF
2.2
µF
SHUTDOWN
LED CONTROL
AVDD
5V
40mA
4.7
µF
4.7
µF
698k
100k
10k
VIN
3V TO 4.2V
VON
10V
2mA
VOFF
–10V
2mA
665k
4.99
Ω
20mA
20mA
TFT Bias and White LED Backlight Power Supply
APPLICATIO S
DESCRIPTIO
FEATURES
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
TYPICAL APPLICATIO


Similar Part No. - LT1942

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1942 LINER-LT1942 Datasheet
248Kb / 16P
Quad DCDC Converter for Triple Outputs TFT Supply Plus LED Driver
LT1942EUF LINER-LT1942EUF Datasheet
248Kb / 16P
Quad DCDC Converter for Triple Outputs TFT Supply Plus LED Driver
More results

Similar Description - LT1942

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS5T24-5D15 STMICROELECTRONICS-GS5T24-5D15 Datasheet
41Kb / 2P
5W TRIPLE OUTPUT DC-DC CONVERTER
Jun-1994
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
MAX1779 MAXIM-MAX1779 Datasheet
503Kb / 18P
Low-Power Triple-Output TFT LCD DC-DC Converter
19-1795; Rev 0; 11/00
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
logo
Linear Technology
LT1942 LINER-LT1942 Datasheet
248Kb / 16P
Quad DCDC Converter for Triple Outputs TFT Supply Plus LED Driver
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118 Datasheet
757Kb / 18P
ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
V 1.0
AAT1118 AAT-AAT1118_2 Datasheet
456Kb / 14P
ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
V 2.0011
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
Triple Adjustable Output TFT-LCD DC-DC Converters
logo
Global Mixed-mode Techn...
G5561A GMT-G5561A Datasheet
152Kb / 2P
Quad-Output TFT LCD Bias DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com