Electronic Components Datasheet Search
  English  ▼

X  

LT1942 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1942
Description  Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1942 Datasheet(HTML) 4 Page - Linear Technology

  LT1942 Datasheet HTML 1Page - Linear Technology LT1942 Datasheet HTML 2Page - Linear Technology LT1942 Datasheet HTML 3Page - Linear Technology LT1942 Datasheet HTML 4Page - Linear Technology LT1942 Datasheet HTML 5Page - Linear Technology LT1942 Datasheet HTML 6Page - Linear Technology LT1942 Datasheet HTML 7Page - Linear Technology LT1942 Datasheet HTML 8Page - Linear Technology LT1942 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1942
4
1942fb
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VSHDN = VIN, unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
PGOOD Leakage Current
PGOOD NPN Off, VPGOOD = 5V
0
0.1
µA
PGOOD Sink Current
PGOOD NPN On, VPGOOD = 1V
0.5
0.7
mA
CT Charging Current
12
µA
CT Reference Voltage
0.8
V
VOUT3 Leakage Current
Output Disconnect PNP Off, D3 = 36V, VOUT = 0V
0
1
µA
VOUT3 Source Current
Output Disconnect PNP On, D3 = 3V, VOUT = 2.5V
10
15
mA
Minimum D3/VOUT3 Operating Voltage
Minimum D3 Voltage for Proper Output
3
V
Disconnect PNP Operation
D4 LED Open-Circuit Voltage
38
42
44
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT1942 is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical controls.
Note 3: Current flows out of the pin.
Note 4: Current limit guaranteed by design and/or correlation to static test.
Note 5: VCESAT 100% tested at wafer level.
TYPICAL PERFOR A CE CHARACTERISTICS
VFB1 Voltage
TEMPERATURE (
°C)
–40
1.26
1.27
1.28
20
60
1942 G01
1.25
1.24
–20
0
40
80
100
1.23
1.22
TEMPERATURE (
°C)
–40
–155
–154
–152
–151
–150
–145
–148
0
40
60
1942 G02
–153
–147
–146
–149
–20
20
80
100
TEMPERATURE (
°C)
–40
1.26
1.27
1.28
20
60
1942 G01
1.25
1.24
–20
0
40
80
100
1.23
1.22
NFB2 Voltage
VFB3 Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com