Electronic Components Datasheet Search
  English  ▼

X  

LT3014 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3014
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3014 Datasheet(HTML) 3 Page - Linear Technology

  LT3014 Datasheet HTML 1Page - Linear Technology LT3014 Datasheet HTML 2Page - Linear Technology LT3014 Datasheet HTML 3Page - Linear Technology LT3014 Datasheet HTML 4Page - Linear Technology LT3014 Datasheet HTML 5Page - Linear Technology LT3014 Datasheet HTML 6Page - Linear Technology LT3014 Datasheet HTML 7Page - Linear Technology LT3014 Datasheet HTML 8Page - Linear Technology LT3014 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3014
3
3014fd
ELECTRICAL CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
ILOAD = 20mA
l
3
3.3
V
ADJ Pin Voltage
(Notes 2, 3)
VIN = 3.3V, ILOAD = 100μA
3.3V < VIN < 80V, 100μA < ILOAD < 20mA
l
1.200
1.180
1.220
1.220
1.240
1.260
V
V
Line Regulation
ΔVIN = 3.3V to 80V, ILOAD = 100μA (Note 2)
l
110
mV
Load Regulation (Note 2)
VIN = 3.3V, ΔILOAD = 100μA to 20mA
VIN = 3.3V, ΔILOAD = 100μA to 20mA
l
13
25
40
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL) (Notes 4, 5)
ILOAD = 100μA
ILOAD = 100μA
l
120
180
250
mV
mV
ILOAD = 1mA
ILOAD = 1mA
l
200
270
360
mV
mV
ILOAD = 10mA
ILOAD = 10mA
l
300
350
450
mV
mV
ILOAD = 20mA
ILOAD = 20mA
l
350
410
570
mV
mV
GND Pin Current
VIN = VOUT(NOMINAL) (Notes 4, 6)
ILOAD = 0mA
ILOAD = 100μA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 20mA
l
l
l
l
l
7
12
40
250
650
20
30
100
450
1000
μA
μA
μA
μA
μA
Output Voltage Noise
COUT = 0.47μF, ILOAD = 20mA, BW = 10Hz to 100kHz
115
μVRMS
ADJ Pin Bias Current
(Note 7)
4
10
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.25
1.3
1.3
2V
V
SHDN Pin Current (Note 8)
VSHDN = 0V
VSHDN = 6V
l
l
1
0
4
1
μA
μA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
l
14
μA
Ripple Rejection
VIN = 7V (Avg), VRIPPLE = 0.5VP-P , fRIPPLE = 120Hz,
ILOAD = 20mA
60
70
dB
Current Limit
VIN = 7V, VOUT = 0V
VIN = 3.3V, ΔVOUT = –0.1V (Note 2)
l
25
70
mA
mA
Input Reverse Leakage Current
VIN = –80V, VOUT = 0V
l
6mA
Reverse Output Current (Note 9)
VOUT = 1.22V, VIN < 1.22V (Note 2)
2
4
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3014 is tested and specified for these conditions with the
ADJ pin connected to the OUT pin.
Note 3: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply
for all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 4: To satisfy requirements for minimum input voltage, the LT3014 is
tested and specified for these conditions with an external resistor divider
(249k bottom, 392k top) for an output voltage of 3.3V. The external
resistor divider adds a 5µA DC load on the output.
Note 5: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage is equal to (VIN – VDROPOUT).
Note 6: GND pin current is tested with VIN = VOUT (nominal) and a current
source load. This means the device is tested while operating in its dropout
region. This is the worst-case GND pin current. The GND pin current
decreases slightly at higher input voltages.
Note 7: ADJ pin bias current flows into the ADJ pin.
Note 8:
SHDN pin current flows out of the SHDN pin.
Note 9: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the rated output voltage. This current flows into the OUT
pin and out of the GND pin.
Note 10: The LT3014 is tested and specified under pulse load conditions
such that TJ ≅ TA. The LT3014E is 100% tested at TA = 25°C. Performance
at –40°C to 125°C is assured by design, characterization, and statistical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com