Electronic Components Datasheet Search
  English  ▼

X  

LT3014 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3014
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3014 Datasheet(HTML) 4 Page - Linear Technology

  LT3014 Datasheet HTML 1Page - Linear Technology LT3014 Datasheet HTML 2Page - Linear Technology LT3014 Datasheet HTML 3Page - Linear Technology LT3014 Datasheet HTML 4Page - Linear Technology LT3014 Datasheet HTML 5Page - Linear Technology LT3014 Datasheet HTML 6Page - Linear Technology LT3014 Datasheet HTML 7Page - Linear Technology LT3014 Datasheet HTML 8Page - Linear Technology LT3014 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3014
4
3014fd
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT CURRENT (mA)
3014 G01
016
4
2
6
10
14
18
812
20
500
450
400
300
350
250
200
150
100
50
0
TJ = 125 C
TJ = 25 C
OUTPUT CURRENT (mA)
0
200
400
600
100
300
500
4
8
12
16
3014 G02
20
2
0
6
10
14
18
= TEST POINTS
TJ 125 C
TJ 25 C
TEMPERATURE ( C)
–50
0
50
150
200
250
500
350
0
50
75
3014 G03
100
400
450
300
–25
25
100
125
IL = 20mA
IL = 10mA
IL = 1mA
IL = 100 A
TEMPERATURE ( C)
–50
14
25
3014 G04
8
4
–25
0
50
2
0
16
12
10
6
75
100
125
VSHDN = 0V
VIN = 6V
RL =
IL = 0
VSHDN = VIN
TEMPERATURE ( C)
–50
1.235
25
3014 G05
1.220
1.210
–25
0
50
1.205
1.200
1.240
1.230
1.225
1.215
75
100
125
IL = 100μA
08
2
135
79
4
6
10
16
14
12
10
8
6
4
2
0
INPUT VOLTAGE (V)
3014 G06
VSHDN = VIN
VSHDN = 0V
TJ = 25 C
RL =
VOUT = 1.22V
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
Quiescent Current
ADJ Pin Voltage
Quiescent Current
process controls. The LT3014I is guaranteed over the full –40°C to 125°C
operating junction temperature.
Note 11: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com