Electronic Components Datasheet Search
  English  ▼

X  

LT3027 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3027
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3027 Datasheet(HTML) 1 Page - Linear Technology

  LT3027 Datasheet HTML 1Page - Linear Technology LT3027 Datasheet HTML 2Page - Linear Technology LT3027 Datasheet HTML 3Page - Linear Technology LT3027 Datasheet HTML 4Page - Linear Technology LT3027 Datasheet HTML 5Page - Linear Technology LT3027 Datasheet HTML 6Page - Linear Technology LT3027 Datasheet HTML 7Page - Linear Technology LT3027 Datasheet HTML 8Page - Linear Technology LT3027 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT3027
3027fa
VOUT
100
µV/DIV
20
µVRMS
3027 TA01b
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
Dual 100mA,
Low Dropout, Low Noise,
Micropower Regulator with
Independent Inputs
■ Low Noise: 20
µVRMS (10Hz to 100kHz)
■ Low Quiescent Current: 25
µA/Channel
■ Independent Inputs
■ Wide Input Voltage Range: 1.8V to 20V
■ Output Current: 100mA/Channel
■ Very Low Shutdown Current: <0.1
µA
■ Low Dropout Voltage: 300mV at 100mA
■ Adjustable Output from 1.22V to 20V
■ Stable with 1
µF Output Capacitor
■ Stable with Aluminum, Tantalum or
Ceramic Capacitors
■ Reverse Battery Protected
■ No Protection Diodes Needed
■ Overcurrent and Overtemperature Protected
■ Tracking/Sequencing Capability
■
Thermally Enhanced 10-Lead MSOP and DFN
Packages
The LT
®3027 is a dual, micropower, low noise, low drop-
out regulator with independent inputs. With an external
0.01
µF bypass capacitor, output noise is a low 20µVRMS
over a 10Hz to 100kHz bandwidth. Designed for use in
battery-powered systems, the low 25
µA quiescent current
per channel makes it an ideal choice. In shutdown, quies-
cent current drops to less than 0.1
µA. Shutdown control
is independent for each channel, allowing for flexibility in
power management. The device is capable of operating
over an input voltage from 1.8V to 20V, and can supply
100mA of output current from each channel with a drop-
out voltage of 300mV. Quiescent current is well controlled
in dropout.
The LT3027 regulator is stable with output capacitors as
low as 1
µF. Small ceramic capacitors can be used without
the series resistance required by other regulators.
Internal protection circuitry includes reverse battery pro-
tection, current limiting and thermal limiting protection.
The device is available as an adjustable device with a
1.22V reference voltage. The LT3027 regulator is available
in the thermally enhanced 10-lead MSOP and low profile
(0.75mm) 3mm
× 3mm DFN packages.
10Hz to 100kHz Output Noise
3.3V/2.5V Low Noise Regulators
■ Cellular Phones
■ Pagers
■ Battery-Powered Systems
■ Frequency Synthesizers
■ Wireless Modems
■ Tracking/Sequencing Power Supplies
, LTC and LT are registered trademarks of Linear Technology Corporation.
IN1
0.01
µF
0.01
µF
10
µF
3027 TA01
OUT1
VIN1
3.7V TO
20V
BYP1
ADJ1
OUT2
BYP2
ADJ2
GND
LT3027
3.3V AT 100mA
20
µVRMS NOISE
2.5V AT 100mA
20
µVRMS NOISE
1
µF
SHDN1
IN2
VIN2
2.9V TO
20V
1
µF
SHDN2
10
µF
422k
249k
261k
249k
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6118263, 6144250.


Similar Part No. - LT3027

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3027 LINER-LT3027 Datasheet
308Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator wih Independent Inputs
LT3027 LINER-LT3027 Datasheet
208Kb / 16P
1.1A, Low Noise, Low Dropout Linear Regulator
LT3027 LINER-LT3027 Datasheet
286Kb / 24P
Dual 150mA Positive/Negative Low Noise
LT3027 LINER-LT3027 Datasheet
263Kb / 20P
3關A IQ, 20mA Low Dropout Linear Regulators
LT3027 LINER-LT3027 Datasheet
338Kb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
More results

Similar Description - LT3027

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3027 LINER-LT3027 Datasheet
308Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator wih Independent Inputs
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
LT3028 LINER-LT3028 Datasheet
335Kb / 16P
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulators with Independent Inputs
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3028 LINER-LT3028_15 Datasheet
345Kb / 16P
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com